Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM13C Datasheet(PDF) 1 Page - Silicon Touch Technology Inc.

Part # DM13C
Description  Maximum output voltage: 17V
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13C Datasheet(HTML) 1 Page - Silicon Touch Technology Inc.

  DM13C Datasheet HTML 1Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
新竹市科學園區展業一路 9 號 7 樓之 1
SILICON TOUCH TECHNOLOGY INC.
9-7F-1, Prosperity Road I, Science Based Industrial Park,
Hsin-Chu, Taiwan 300, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
DM13C
Version
: A.006
Issue Date : 2015/04/17
File Name : SP-DM13C-A.006.doc
Total Pages: 27
16-bit Constant Current LED Driver
with Error Detection


Similar Part No. - DM13C

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM130036 DAVICOM-DM130036 Datasheet
1Mb / 28P
15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
logo
Power-One
DM1301-7R POWER-ONE-DM1301-7R Datasheet
146Kb / 4P
50 Watt DC-DC Converters
logo
Davicom Semiconductor, ...
DM130120 DAVICOM-DM130120 Datasheet
1Mb / 26P
15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
logo
ITT Industries
DM130338 ITT-DM130338 Datasheet
9Mb / 301P
D Subminiature Connectors
DM130338-1 ITT-DM130338-1 Datasheet
9Mb / 301P
D Subminiature Connectors
More results

Similar Description - DM13C

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
42-DL211B SITI-42-DL211B Datasheet
114Kb / 6P
Maximum output voltage: 17V
DM117 SITI-DM117 Datasheet
602Kb / 22P
Maximum output voltage: 17V
DM11H SITI-DM11H Datasheet
446Kb / 23P
Maximum output voltage: 17V
DM137 SITI-DM137 Datasheet
768Kb / 32P
Maximum output voltage: 17V
DM13G SITI-DM13G Datasheet
550Kb / 26P
Maximum output voltage: 17V
DM13H SITI-DM13H Datasheet
596Kb / 26P
Maximum output voltage: 17V
DM13H-E SITI-DM13H-E Datasheet
508Kb / 25P
Maximum output voltage: 17V
DM631B SITI-DM631B Datasheet
920Kb / 31P
Maximum output voltage: 17V
DM632B SITI-DM632B Datasheet
953Kb / 31P
Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
Maximum output voltage: 17V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com