Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7993 Datasheet (PDF) - Analog Devices

AD7993 Datasheet PDF - Analog Devices
Part # AD7993
Download  AD7993 Download
File Size   277.12 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP

AD7993 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7993 Datasheet PDF - Analog Devices

Part # AD7993
Download  AD7993 Click to download

File Size   277.12 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP

AD7993 Datasheet (HTML) - Analog Devices


AD7993 Product details

GENERAL DESCRIPTION
The AD7993/AD7994 are 4-channel, 10- and 12-bit, low power, successive approximation ADCs with an I2C-compatible interface. The parts operate from a single 2.7 V to 5.5 V power supply and feature a 2 µs conversion time. The parts contain a 4-channel multiplexer and track-and-hold amplifier that can handle input frequencies up to 11 MHz.

FEATURES
   10- and 12-bit ADC with fast conversion time: 2 µs typ
   4 single-ended analog input channels
   Specified for VDD of 2.7 V to 5.5 V
   Low power consumption
   Fast throughput rate: 188 kSPS
   Temperature range:−40°C to +125°C
   Sequencer operation
   Automatic cycle interval mode
   I2C®-compatible serial interface
   I2C interface supports standard, fast, and high speed modes
   Out-of-range indicator/alert function
   Pin-selectable addressing via AS
   Shutdown mode: 1 µA max
   16-lead TSSOP package
   See AD7998 and AD7992 for 8-channel and 2-channel
      equivalent devices, respectively.




Similar Part No. - AD7993

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7993 AD-AD7993 Datasheet
693Kb / 32P
4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
10/04-Revision 0
AD7993 AD-AD7993 Datasheet
934Kb / 28P
2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
AD7993-0 AD-AD7993-0 Datasheet
693Kb / 32P
4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
10/04-Revision 0
AD7993-1 AD-AD7993-1 Datasheet
693Kb / 32P
4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
10/04-Revision 0
AD7993-X AD-AD7993-X Datasheet
693Kb / 32P
4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
10/04-Revision 0
More results


Similar Description - AD7993

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7904 AD-AD7904 Datasheet
411Kb / 24P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV.0
AD7993 AD-AD7993 Datasheet
693Kb / 32P
4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
10/04-Revision 0
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7993 AD-AD7993_15 Datasheet
1Mb / 32P
4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994_15 Datasheet
1Mb / 32P
4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7997 AD-AD7997_15 Datasheet
1Mb / 32P
8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
AD7998 AD-AD7998_15 Datasheet
1Mb / 32P
8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com