Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7993 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7993
Description  4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7993 Datasheet HTML 4Page - Analog Devices AD7993 Datasheet HTML 5Page - Analog Devices AD7993 Datasheet HTML 6Page - Analog Devices AD7993 Datasheet HTML 7Page - Analog Devices AD7993 Datasheet HTML 8Page - Analog Devices AD7993 Datasheet HTML 9Page - Analog Devices AD7993 Datasheet HTML 10Page - Analog Devices AD7993 Datasheet HTML 11Page - Analog Devices AD7993 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
AD7994/AD7993
–8–
REV. PrF
PRELIMINARYTECHNICAL DATA
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Function
AGND
Analog Ground. Ground reference point for all circuitry on the AD7994/AD7993. All analog
input signals should be referred to this GND voltage.
V DD
Power Supply Input. The VDD range for the AD7994/AD7993 is from +2.7V to +5.5V.
REFIN
Voltage Reference Input. The External Reference for the AD7994/AD7993 should 0.1 µF
capacitor should be placed between the REFIN pin and AGND.
VIN1
Analog Input 1. Single-ended analog input channel. The input range is 0V to REFIN.
VIN3
Analog Input 3. Single-ended analog input channel. The input range is 0V to REFIN.
VIN4
Analog Input 4. Single-ended analog input channel. The input range is 0V to REFIN.
VIN2
Analog Input 2. Single-ended analog input channel. The input range is 0V to REFIN.
A S
Logic Input. Address Select Input which selects one of three I
2C addresses for the AD7994/
AD7993 as shown in Table I.
CONVST
Logic Input Signal. Convert Start Signal. This is an edge triggered logic input. The rising
edge of this signal powers up the part. The power up time for the part is 1
µs. The falling
edge of
CONVST places the track/hold into hold mode and initiates a conversion. A power
up time of at least 1
µs must be allowed for the CONVST high pulse, otherwise the conver-
sion result will be invalid. (See Modes of Operation Section)
ALERT/BUSY
Digital Output, selectable as an ALERT or BUSY output function. When configured as an
ALERT output, this pin acts as an Out of Range Indicator, and if enabled becomes active
when the conversion result violates the DATAHIGH or DATALOW values. See Limit Registers
section. When configured as a BUSY output, this pin becomes active when a conversion is in
progress.
S D A
Digital I/O. Serial Bus Bi-directional Data. Open-drain output. External pull-up resistor
required.
S C L
Digital Input. Serial Bus Clock. External pull-up resistor required.
AD7994/AD7993 PIN CONFIGURATION TSSOP
AD7994
TOP VIEW
1
2
3
4
13
14
15
16
CONVST
SDA
SCL
VDD
AGND
VIN4
5
(Not to Scale)
ALERT
12
AGND
11
AS
10
9
AGND
REFIN
6
VIN1
7
VIN3
8
AGND
AGND
VIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com