Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7993 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7993
Description  4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7993 Datasheet HTML 19Page - Analog Devices AD7993 Datasheet HTML 20Page - Analog Devices AD7993 Datasheet HTML 21Page - Analog Devices AD7993 Datasheet HTML 22Page - Analog Devices AD7993 Datasheet HTML 23Page - Analog Devices AD7993 Datasheet HTML 24Page - Analog Devices AD7993 Datasheet HTML 25Page - Analog Devices AD7993 Datasheet HTML 26Page - Analog Devices AD7993 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
AD7994/AD7993
–25–
REV. PrF
PRELIMINARYTECHNICAL DATA
Mode 2 -
This mode allows a conversion to be automatically initi-
ated anytime a read operation occurs. In order to use this
mode the command bits C4 - C1 in the Address Pointer
Byte shown in Table II must be programmed.
To select a particular Analog input for conversion in this
mode, then the user must set the corresponding channel
command bit to 1 in the Address Pointer Byte, see Table
XIII. When all four command bits are 0 then this mode is
not in use. A sequence can also be set up for this mode, if
more than one of the command bit in the Address Pointer
Byte are set. The ADC will start converting on the lowest
channel in the sequence and then the next lowest until all
the channels in the sequence have been converted on.
Figure 13 illustrates a two byte read operation from the
Conversion Result Register. This operation would nor-
mally be preceded by a write to the Address Pointer Regis-
ter so that the following read will access the desired
register, in this case the Conversion Result Register Fig-
ure 10. When the contents of the Address Pointer Register
are being loaded, if the command bits C4 to C1 are set
then the AD7994/AD7993 will begin to power up and
convert upon the selected channel(s), power-up will begin
on the fifth SCL falling edge of the Address Point Byte,
see point A Figure 17. Table XIII shows the channel se-
lection in this mode via the command bits, C4 to C1 in
the Address Pointer Register. The wake-up and conversion
time together should take approximately 3
µs. Following
this, the AD7994/AD7993 must be addressed again to tell
it that a read operation is required.
The read then takes
place from the Conversion Result register. This read will
access the result from the conversion selected via the com-
mand bits. If the Command bits C2, C1 were set to 1,1,
then a four byte read would be necessary. The first read
accesses the data from the conversion on VIN1. While this
read takes place, a conversion occurs on VIN2. The second
read will access this data from VIN2. Figure 18 illustrates
how this mode operates.
When operating the AD7994-1/AD7993-1 in Mode2 with
Hs-Mode, 3.4 MHz SCL, the conversion may not be
complete before the master tries to read the conversion
result, if this is the case the AD7994-1/AD7993-1 will
hold the SCL line low after the read address during the
ACK clock, until the conversion is complete. When the
conversion is complete the AD7994-1/AD7993-1 will
release the SCL line and the master can then read the
conversion result.
Table XIII Address Pointer Byte
C4
C3
C2
C1
P3
P2
P1
P0
Analog Input Channel
0
0
0
0
0
0
0
0
Mode 2 not selected
0
0
0
1
0
0
0
0
Mode 2 Convert on VIN1
0
0
1
0
0
0
0
0
Mode 2 Convert on VIN2
0
0
1
1
0
0
0
0
Mode 2 Sequence between VIN1 and VIN2
0
1
0
0
0
0
0
0
Mode 2 Convert on VIN3
0
1
0
1
0
0
0
0
Mode 2 Sequence between VIN1 and VIN3
0
1
1
0
0
0
0
0
Mode 2 Sequence between VIN2 and VIN3
0
1
1
1
0
0
0
0
Mode 2 Sequence between VIN1, VIN2 and VIN3
1
0
0
0
0
0
0
0
Mode 2 Convert on VIN4
1
0
0
1
0
0
0
0
Mode 2 Sequence between VIN1 and VIN4
1
0
1
0
0
0
0
0
Mode 2 Sequence between VIN2 and VIN4
1
0
1
1
0
0
0
0
Mode 2 Sequence between VIN1, VIN2 and VIN4
1
1
0
0
0
0
0
0
Mode 2 Sequence between VIN3 and VIN4
1
1
0
1
0
0
0
0
Mode 2 Sequence between VIN1, VIN3 and VIN4
1
1
1
0
0
0
0
0
Mode 2 Sequence between VIN2, VIN3 and VIN4
1
1
1
1
0
0
0
0
Mode 2 Sequence between VIN1, VIN2, VIN3 and VIN4
With the pointer bits set to all 0’s then the next read will
access the results of the conversion Result Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com