Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7993 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7993
Description  4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7993 Datasheet HTML 19Page - Analog Devices AD7993 Datasheet HTML 20Page - Analog Devices AD7993 Datasheet HTML 21Page - Analog Devices AD7993 Datasheet HTML 22Page - Analog Devices AD7993 Datasheet HTML 23Page - Analog Devices AD7993 Datasheet HTML 24Page - Analog Devices AD7993 Datasheet HTML 25Page - Analog Devices AD7993 Datasheet HTML 26Page - Analog Devices AD7993 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
AD7994/AD7993
–24–
REV. PrF
PRELIMINARYTECHNICAL DATA
Placing the AD7994-1/AD7993-1 into High-speed Mode.
Hs-Mode communication commences after the master
addresses all devices connected to the bus with the Master
code, 00001XXX, to indicate that a High-Speed Mode
transfer is to begin. No device connected to the bus is
allowed to Acknowledge the High-Speed Master code,
therefore the code is followed by a not-Acknowledge, Fig-
Figure 15. Placing the part into Hs Mode
MODES OF OPERATION
When supplies are first applied to the AD7994/AD7993,
the ADC powers up in shutdown mode and will normally
remain in this shutdown state while not converting. There
are three different methods of initiating a conversion on
the AD7994/AD7993.
Mode 1 - Using CONVST Pin.
A conversion can be initiated on the AD7994/AD7993 by
pulsing the
CONVST signal. The conversion clock for
the part is internally generated so no external clock is
required, except when reading from, or writing to the
serial port. On the rising edge of
CONVST the AD7994/
AD7993 will begin to power up, see point A on Figure
16. The power up time from shutdown mode for the
AD7994/AD7993 is approximately 1 us, the
CONVST
signal must remain high for 1 µs for the part to power up
fully. Then
CONVST can be brought low after this time.
The falling edge of the
CONVST signal places the track
and hold into hold mode and a conversion is also initiated
at this point, see point B Figure 16. When the conversion
is complete, approximately 2 us later, the part will return
to shutdown (see point C Figure 16) and remain so until
the next rising edge of
CONVST. The master can then
read address the ADC to obtain the conversion result. The
address point register must be pointing to the conversion
result register in order to read back the conversion result.
If the
CONVST pulse does not remain high for more
than 1 µs, then the falling edge of
CONVST will still
initiate a conversion but the result will be invalid as the
AD7994/AD7993 will not be fully powered up when the
conversion takes place. The
CONVST pin should not be
pulsed when reading from or writing to the serial port.
The Cycle Timer Register and bits C4 - C1 in the Ad-
dress Pointer Register should contain all 0’s to operate the
AD7994/AD7993 in this mode. The
CONVST pin
should be tied low for all other Modes of operation. To
select an Analog Input Channel for conversion in this
mode, the user must write to the Configuration Register
and select the corresponding channel for conversion. To
set up a sequence of channels to be converted on with each
CONVST pulse, set the corresponding channel bits in
the Configuration register, see Table V.
ure 15. The master must then issue a repeated start fol-
lowed by the device Address with a R/
W bit. The selected
device will then acknowledge its address.
All devices continue to operate in Hs-Mode until such a
time as the master issues a STOP condition. When the
STOP condition is issued the devices all return to F/S
Mode.
Figure 16. Mode 1 Operation
1
1
9
SCL
9
S
7-BIT ADDRESS
RA
FIRST DATA BYTE (MSBs)
A
SECOND DATA BYTE (LSBs)
9
A P
SDA
tCONVERT
CONVST
tPOWER-UP
B
AC
SDA
ACK. BY
AD7994/3
START BY
MASTER
HS-MODE MASTER CODE
SERIAL BUS ADDRESS BYTE
NACK.
19
1
9
0
1
A2
A1
A0
X
X
1
0
0
0
SCL
0
0
A3
X
Sr
FAST MODE
HIGH-SPEED MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com