Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7993 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7993
Description  4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7993 Datasheet HTML 3Page - Analog Devices AD7993 Datasheet HTML 4Page - Analog Devices AD7993 Datasheet HTML 5Page - Analog Devices AD7993 Datasheet HTML 6Page - Analog Devices AD7993 Datasheet HTML 7Page - Analog Devices AD7993 Datasheet HTML 8Page - Analog Devices AD7993 Datasheet HTML 9Page - Analog Devices AD7993 Datasheet HTML 10Page - Analog Devices AD7993 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
AD7994/AD7993
–7–
REV. PrF
PRELIMINARYTECHNICAL DATA
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7994/AD7993 features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore,
proper ESD precautions are recommended to avoid performance degradation or loss of func-
tionality.
ORDERING GUIDE
Model1
Temperature Range
Linearity Error2(max) Package Option3
AD7994BRU-0
-40°C to +85°C
±1 LSB
RU-16
AD7994BRU-1
-40°C to +85°C
±1 LSB
RU-16
AD7993BRU-0
-40°C to +85°C
±1 LSB
RU-16
AD7993BRU-1
-40°C to +85°C
±1 LSB
RU-16
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
VDD to GND
–0.3 V to 7 V
Analog Input Voltage to GND
–0.3 V to VDD + 0.3 V
Reference Input Voltage to GND
-0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
–0.3 V to 7 V
Digital Output Voltage to GND
–0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies
2
±10 mA
Operating Temperature Range
Commercial (B Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
+150°C
16-ld
TSSOP Package
θ
JA Thermal Impedance
150.4°C/W (TSSOP)
θ
JC Thermal Impedance
27.6°C/W (TSSOP)
Lead Temperature, Soldering
Vapor Phase (60 secs)
+215°C
Infared (15 secs)
+220°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch up.
NOTES
1 The AD7994-0/AD7993-0 supports Standard and Fast I2C interface modes. The AD7994-1/AD7993-1 supports Standard, Fast and
Highspeed I
2C Interface Modes.
2Linearity error here refers to Integral Nonlinearity
3RU = TSSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com