Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7993 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7993
Description  4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7993 Datasheet HTML 19Page - Analog Devices AD7993 Datasheet HTML 20Page - Analog Devices AD7993 Datasheet HTML 21Page - Analog Devices AD7993 Datasheet HTML 22Page - Analog Devices AD7993 Datasheet HTML 23Page - Analog Devices AD7993 Datasheet HTML 24Page - Analog Devices AD7993 Datasheet HTML 25Page - Analog Devices AD7993 Datasheet HTML 26Page - Analog Devices AD7993 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
AD7994/AD7993
–23–
REV. PrF
PRELIMINARYTECHNICAL DATA
Figure 14. Reading two bytes of data from the Conversion
Result Register
Figure 13. Reading a single byte of data from a selected
register
device will win communication rights via standard I
2C
arbitration during the slave address transfer.
The ALERT output becomes active when the value in the
Conversion Result Register exceeds the value in the
DATAHIGH Register or falls below the value in the
DATALOW Register . It is reset when a write operation to
the Configuration register sets D1 to a 1, or when the
conversion result returns N LSBs below or above the value
stored in the DATAHIGH Register or DATALOW Register
respectively. N is the value in the Hysteresis register. (See
Limit Registers section)
The ALERT output requires an external pull-up resistor.
This can be connected to a voltage different from VDD
provided the maximum voltage rating of the ALERT out-
put pin is not exceeded. The value of the pull-up resistor
depends on the application, but should be as large as pos-
sible to avoid excessive sink currents at the ALERT out-
put.
ALERT/BUSY PIN
The ALERT/BUSY may be configured as an Alert or
Busy ouput as shown in Table VI.
SMBus ALERT
The AD7994/AD7993 ALERT output is an SMBus inter-
rupt line for devices that want to trade their ability to
master for an extra pin. The AD7994/AD7993 is a slave
only device and uses the SMBus ALERT to signal the
host device that it wants to talk. The SMBus ALERT on
the AD7994/AD7993 is used as an out of conversion
range indicator (a limit violation indicator).
The ALERT pin has an open-drain configuration which
allows the ALERT outputs of several AD7994/AD7993
devices to be wired-AND together when the ALERT pin
is active low. D0 of the Configuration Register is used to
set the active polarity of the ALERT output. The power-
up default is active low. The ALERT function can be
disabled or enabled by setting D2 of the Configuration
Register to 1 or 0 respectively.
The host device can process the ALERT interrupt and
simultaneously access all SMBus ALERT devices through
the alert response address. Only the device which pulled
the ALERT low will acknowledge the ARA (Alert Re-
sponse Address). If more than one device pulls the
ALERT pin low, the highest priority (lowest address)
SDA
NO ACK. BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
SINGLE DATA BYTE FROM AD7994/3
ACK. BY
AD7994/3
19
1
9
D7
D6
D5
D2
D1
D0
R/
9
A0
A1
A2
A3
0
1
SCL
STOP BY
MASTER
D4
D3
0
SDA
ACK. BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE FROM
AD7994/3
ACK. BY
AD7994/3
19
1
9
Alert_
Flag
D10
D9
D8
R/
9
A0
A1
A2
A3
0
0
SCL
1
D11
NO ACK. BY
MASTER
FRAME 3
LEAST SIGNIFICANT DATA BYTE FROM
AD7994/3
19
D7
D6
D5
D2
D1/0
D0/0
STOP BY
MASTER
D4
D3
SCL (CONTINUED)
SDA (CONTINUED)
CH ID1 CH ID0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com