Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7993 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7993
Description  4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7993 Datasheet HTML 10Page - Analog Devices AD7993 Datasheet HTML 11Page - Analog Devices AD7993 Datasheet HTML 12Page - Analog Devices AD7993 Datasheet HTML 13Page - Analog Devices AD7993 Datasheet HTML 14Page - Analog Devices AD7993 Datasheet HTML 15Page - Analog Devices AD7993 Datasheet HTML 16Page - Analog Devices AD7993 Datasheet HTML 17Page - Analog Devices AD7993 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
AD7994/AD7993
–14–
REV. PrF
PRELIMINARYTECHNICAL DATA
Analog Input
Figure 6 shows an equivalent circuit of the analog input
sturcture of the AD7994/AD7993. The two diodes D1 and
D2 provide ESD protection for the analog inputs. Care
must be taken to ensure that the analog input signal never
exceeds the supply rails by more than 300mV. This will
cause these diodes to become forward biased and start
conducting current into the substrate. 10 mA is the maxi-
mum current these diodes can conduct without causing
irreversable damage to the part.
The capacitor C1 in Figure 6 is typically about 4pF and
can primarily be attributed to pin capacitance. The resis-
tor R1 is a lumped component made up of the on resis-
tance (RON) of a switch(track and hold switch) and also
includes the RON of the input multiplexer. The total resis-
tance is typically about 400
Ω. The capacitor C2 is the
ADC sampling capacitor and has a capacitance of 30 pF
typically.
For ac applications, removing high frequency components
from the analog input signal is recommended by use of an
RC band-pass filter on the relevant analog input pin. In
applications where harmonic distortion and signal to noise
ratio are critical the analog input should be driven from a
low impedance source. Large source impedances will sig-
nificantly affect the ac performance of the ADC. This may
necessitate the use of an input buffer amplifier. The choice
of the op amp will be a function of the particular applica-
tion.
When no amplifier is used to drive the analog input the
source impedance should be limited to low values. The
maximum source impedance will depend on the amount of
total harmonic distortion (THD) that can be tolerated.
The THD will increase as the source impedance increases
and performance will degrade. Figure 7 shows a graph of
the Total Harmonic Distortion vs. analog input signal
frequency for different source impedances when using a
supply voltage of 3V±10% and 5V±10% and sampling at
a rate of xkSPS. Figure 8 shows a graph of the total har-
monic distortion versus analog input signal frequency for
various supply voltages while sampling at xkSPS .
Figure 6. Equivalent Analog Input Circuit
Figure 7. THD vs. Analog Input Frequency for
Various Source Impedance for VDD= 3V and 5V
Figure 8. THD vs. Analog Input Frequency,
Fs = xkSPS
Figure 5 AD7994/AD7993 Typical Connection Diagram
VIN
D1
VDD
D2
R1
C2
16PF
C1
4PF
CONVERSION PHASE - SWITCH OPEN
TRACK PHASE - SWITCH CLOSED
VDD
VIN1
GND
+5V SUPPLY
REF 19X
0.1µF
0.1µF
10µF
AD7994/
AD7993
0V to REFIN
INPUT
SDA
µC/µP
SCL
TWO WIRE SERIAL
INTERFACE
CONVST
ALERT
REFIN
RP
RP
RP
SET TO REQUIRED
ADDRESS
AS
VIN2
VIN3
VIN4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com