Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7993 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7993
Description  4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 5 Page - Analog Devices

  AD7993 Datasheet HTML 1Page - Analog Devices AD7993 Datasheet HTML 2Page - Analog Devices AD7993 Datasheet HTML 3Page - Analog Devices AD7993 Datasheet HTML 4Page - Analog Devices AD7993 Datasheet HTML 5Page - Analog Devices AD7993 Datasheet HTML 6Page - Analog Devices AD7993 Datasheet HTML 7Page - Analog Devices AD7993 Datasheet HTML 8Page - Analog Devices AD7993 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
–5–
REV. PrF
PRELIMINARYTECHNICAL DATA
(VDD = +2.7 V to +5.5 V, unless otherwise noted ; REFIN = 2.5 V; fSCL = 3.4 MHz unless
otherwise noted; TA = TMIN to TMAX, unless otherwise noted.)
P
S
S
P
t6
t4
t1
t3
t5
t8
t2
t11
t12
t6
SCL
SDA
t7
t9
t10
S = START CONDITION
P = STOP CONDITION
I2C TIMING SPECIFICATIONS1
(VDD = +2.7 V to +5.5 V, unless otherwise noted ; REFIN = 2.5 V; unless otherwise noted; TA =
TMIN to TMAX, unless otherwise noted..)
AD7994/AD7993
Limit at TMIN, TMAX
Parameter
Conditions
MIN
MAX
Unit
Description
fSCL
2
Standard Mode
100
k H z
Serial Clock Frequency
Fast Mode
400
k H z
High-Speed Mode, CB = 100pF max
3.4
M H z
High-Speed Mode, CB = 400pF max
1.7
M H z
t1
Standard Mode
4
µst
HIGH, SCL High Time
Fast Mode
0.6
µs
High-Speed Mode, CB = 100pF max 60
ns
High-Speed Mode, CB = 400pF max 120
ns
t2
Standard Mode
4.7
µst
LOW, SCL Low Time
Fast Mode
1.3
µs
High-Speed Mode, CB = 100pF max 160
ns
High-Speed Mode, CB = 400pF max 320
ns
t3
Standard Mode
250
-
ns
tSU;DAT, Data Setup Time
Fast Mode
100
-
ns
High-Speed Mode
10
-
ns
AD7993–SPECIFICATIONS1
NOTES
1Temperature ranges as follows: B Version: –40°C to +85°C.
2See Terminology.
3Sample tested @ +25°C to ensure compliance.
4See POWER VERSUS THROUGHPUT RATE section.
Specifications subject to change without notice.
Figure 1. Two-Wire Serial Interface Timing Diagram
Parameter
B Version
1
Units
Test Conditions/Comments
CONVERSION RATE
See Interface Section
Conversion
Time
2
µs typ
Track/Hold Acquisition Time
T B D
ns max
Full-Scale step input
T B D
ns max
Sine wave input <= 30 KHz
Throughput
Rate
3.4
KSPS max
Standard mode 100 kHz
13
KSPS max
Fast Mode 400 kHz
79
KSPS max
High-Speed Mode 3.4 MHz
POWER REQUIREMENTS
VDD
2.7/5.5 V
min/max
IDD
Digital Inputs = 0 V or VDD
Peak Current
T B D
mA max
Peak Current during conversion
Power Down Mode , Interface Inactive
0.2/0.6
µA max
VDD = 3 V/5 V.
Interface Active
0.05/0.2
mA max
VDD = 3 V/5 V 400 kHz SCL.
0.3/0.8
mA max
VDD = 3 V/5 V 3.4 MHz SCL.
Operating, Interface Inactive
0.06/0.15
mA max
VDD = 3 V/5 V 400 kHz SCL.
0.3/0.6
mA max
VDD = 3 V/5 V 3.4 MHz SCL.
Interface Active
0.15/0.35
mA max
VDD = 3 V/5 V 400 kHz SCL.
0.6/1.4
mA max
VDD = 3 V/5 V 3.4 MHz SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com