Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7993 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7993
Description  4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7993 Datasheet HTML 19Page - Analog Devices AD7993 Datasheet HTML 20Page - Analog Devices AD7993 Datasheet HTML 21Page - Analog Devices AD7993 Datasheet HTML 22Page - Analog Devices AD7993 Datasheet HTML 23Page - Analog Devices AD7993 Datasheet HTML 24Page - Analog Devices AD7993 Datasheet HTML 25Page - Analog Devices AD7993 Datasheet HTML 26Page - Analog Devices AD7993 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
AD7994/AD7993
–27–
REV. PrF
PRELIMINARYTECHNICAL DATA
16-Lead TSSOP (RU-16)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16
9
8
1
0.201 (5.10)
0.193 (4.90)
PIN
1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256
(0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8°
0°
It is recommended that no I
2C Bus activity occurs when a
conversion is taking place. However if this is not possible,
e.g. when operating in Mode 2 or Mode 3, then in order
to maintain the performance of the ADC, Bits D7 and D6
in the Cycle Timer Register are used to delay critical
sample intervals and bit trials from occurring while there
is activity on the I
2C Bus. This will result in a quiet pe-
riod for each bit decision. In certain cases where there is
excessive activity on the interface lines this may have the
effect of increasing the overall Conversion time. However
if bit trial delays extend longer than 1 µs the conversion
will terminate.
When bits D7 and D6 are both 0, the bit trial and sample
interval delaying mechanism will be implemented. The
default setting of D7 and D6 is 0. To turn off both set D7
and D6 to 1.
D7
D6
D5
D4
D3
D2
D1
D0
Sample Bit Trial 0
0
0
Cyc
Cyc
Cyc
Dealy
Delay
Bit2
Bit1
Bit0
0*
0*
0*
0*
0*
0*
0*
0*
Cycle Timer Register
*Default settings at Power-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com