Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7993 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7993
Description  4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 4 Page - Analog Devices

  AD7993 Datasheet HTML 1Page - Analog Devices AD7993 Datasheet HTML 2Page - Analog Devices AD7993 Datasheet HTML 3Page - Analog Devices AD7993 Datasheet HTML 4Page - Analog Devices AD7993 Datasheet HTML 5Page - Analog Devices AD7993 Datasheet HTML 6Page - Analog Devices AD7993 Datasheet HTML 7Page - Analog Devices AD7993 Datasheet HTML 8Page - Analog Devices AD7993 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
–4–
REV. PrF
PRELIMINARYTECHNICAL DATA
(VDD = +2.7 V to +5.5 V, unless otherwise noted ; REFIN = 2.5 V; fSCL = 3.4 MHz unless
otherwise noted; TA = TMIN to TMAX, unless otherwise noted.)
Parameter
B Version
1
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
FIN = 10kHz Sine Wave
Signal to Noise + Distortion (SINAD)
2
61
dB min
Signal to Noise Ratio (SNR)
2
T B D
dB min
Total Harmonic Distortion (THD)2
-73
dB typ
Peak Harmonic or Spurious Noise (SFDR)
2
-74
dB typ
Intermodulation Distortion (IMD)
2
fa = TBD kHz, fb = TBD kHz
Second Order Terms
-78
dB typ
Third Order Terms
-78
dB typ
Aperture Delay
10
ns
max
Aperture Jitter
10
ps typ
Channel-to-Channel Isolation
T B D
dB typ
FIN = TBD kHz
Full Power Bandwidth
T B D
kHz typ
@ 3 dB
T B D
kHz typ
@ 0.1 dB
DC ACCURACY
Resolution
10
Bits
Integral Nonlinearity
2
± 1
LSB max
±0.6
LSB typ
Differential Nonlinearity
2
±0.9
LSB max
Guaranteed No Missed Codes to 10
Bits.
Offset Error
2
± 1
LSB max
Offset Error Match
2
±0.5
LSB max
Gain Error
2
± 1
LSB max
Gain Error Match
2
±0.5
LSB max
Total Unadjusted Error (TUE)
2
± 1
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to
REFIN
Volts
DC Leakage Current
± 1
µA max
Input Capacitance
30
pF typ
REFERENCE INPUT
REFIN Input Voltage Range
TBD/TBD
V min/Vmax
DC Leakage Current
± 1
µA max
Input Capacitance
T B D
pF max
Input Impedance
T B D
k
typ
LOGIC INPUTS (SDA, SCL,
CONVST)
Input High Voltage, VINH
0.7(VDD)
V min
Input Low Voltage, VINL
0.3(VDD)
V max
Input Leakage Current, IIN
± 1
µA max
VIN = 0 V or VDD
Input Capacitance, CIN
2,3
10
pF max
Input Hysteresis, VHYST
T B D
V min
LOGIC INPUT (
CONVST)
Input High Voltage, VINH
2.4
V min
VDD = 5V
2.0
V min
VDD = 3 V
Input Low Voltage, VINL
0.8
V max
VDD = 5V
0.4
V max
VDD = 3V
Input Leakage Current, IIN
± 1
µA max
VIN = 0 V or VDD
Input Capacitance, CIN
2,3
10
pF max
LOGIC OUTPUTS (OPEN DRAIN)
Output Low Voltage, VOL
0.4
V max
ISINK = 3mA
0.6
V max
ISINK = 6mA
Floating-State Leakage Current
± 1
µA max
Floating-State Output Capacitance
2,3
T B D
pF max
Output Coding
Straight (Natural) Binary
.
AD7993–SPECIFICATIONS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com