Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBFP0420 Datasheet (PDF) - Agilent(Hewlett-Packard)

HBFP0420 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HBFP0420
Download  HBFP0420 Download
File Size   85.17 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Performance Isolated Collector Silicon Bipolar Transistor

HBFP0420 Datasheet (PDF)

Go To PDF Page Download Datasheet
HBFP0420 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HBFP0420
Download  HBFP0420 Click to download

File Size   85.17 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Performance Isolated Collector Silicon Bipolar Transistor

HBFP0420 Datasheet (HTML) - Agilent(Hewlett-Packard)


HBFP0420 Product details

Description
Hewlett Packard’s HBFP-0420 is a high performance isolated collector silicon bipolar junction transistor housed in a 4-lead SC-70 (SOT-343) surface mount plastic package.

Features
• Ideal for High Gain, Low
   Noise Applications
• Transition Frequency
   fT = 25 GHz
• Typical Performance at 1.8 GHz
   Associated Gain of 17 dB
   and Noise Figure of 1.1 dB at 2 V and 5 mA
   P1dB of 12 dBm at 2 V and 20 mA
• Can be Used Without Impedance Matching

Applications
• LNA, Oscillator, Driver Amplifier, Buffer Amplifier, and Down Converter for Cellular and PCS Handsets and Cordless Telephones
• Oscillator for TV Delivery and TVRO Systems up to 10 GHz




Similar Part No. - HBFP0420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBFP0405 ETC-HBFP0405 Datasheet
85Kb / 10P
High Performance Isolated Collector Silicon Bipolar Transistor
More results


Similar Description - HBFP0420

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
List of Unclassifed Man...
HBFP0405 ETC-HBFP0405 Datasheet
85Kb / 10P
High Performance Isolated Collector Silicon Bipolar Transistor
BPT1819E03 ETC1-BPT1819E03 Datasheet
14Kb / 1P
High Performance Silicon Bipolar Transistor Intended
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
DEMO-AT32063 BOARDCOM-DEMO-AT32063 Datasheet
218Kb / 8P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
Low Current, High Performance NPN Silicon Bipolar Transistor
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com