Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBFP0420 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HBFP0420
Description  High Performance Isolated Collector Silicon Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBFP0420 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HBFP0420 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
HBFP-0420 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
V
EBO
Emitter-Base Voltage
V
1.5
V
CBO
Collector-Base Voltage
V
15.0
V
CEO
Collector-Emitter Voltage
V
4.5
I
C
Collector Current
mA
36
P
T
Power Dissipation [2]
mW
162
T
j
Junction Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150
Thermal Resistance:
θ
jc = 300°C/W
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. PT limited by maximum ratings.
Electrical Specifications, TC = 25°C
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
DC Characteristics
BVCEO Collector-Emitter Breakdown Voltage
IC = 1 mA, open base
V
4.5
ICBO
Collector-Cutoff Current
VCB = 5 V, IE = 0
nA
150
IEBO
Emitter-Base Cutoff Current
VEB = 1.5 V, IC = 0
µA15
hFE
DC Current Gain
VCE = 2 V, IC = 5 mA
—
50
80
150
RF Characteristics
FMIN
Minimum Noise Figure
IC = 5 mA, VCE = 2 V, f = 1.8 GHz
dB
1.1
1.4
Ga
Associated Gain
IC = 5 mA, VCE = 2 V, f = 1.8 GHz
dB
15.5
17
|S 21|
2
Insertion Power Gain
IC = 20 mA, VCE = 2 V, f = 1.8 GHz
dB
17
P-1dB
Power Output @ 1 dB
IC = 20 mA, VCE = 2 V, f = 1.8 GHz dBm
12
Compression Point



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com