Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBFP0420 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HBFP0420
Description  High Performance Isolated Collector Silicon Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBFP0420 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HBFP0420 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
HBFP-0420 Die Model and PSPICE Parameters
CMP9
R
CMP7
R
CMP8
R
CMP69
R
R-1 OH
R=.194 OH
R=7.78 OH
R =12 OH
TEMP=
MODEL=DBE
REGION=
AREA=
AREA=3
REGION=
MODEL=BJTMODEL
AREA=
REGION=
MODEL=DCS
TEMP=
AREA=
REGION=
MODEL = DBC
TEMP=
C =7E-3 pF
C = 19E-3 pF
XX
CMP1
NPNBJTSUBST
CMP5
C
CMP6
C
CMP2
DIODE
CMP16
DIODE
CMP3
DIODE
B
E
XX
C
IS=I.40507E-17
BV=
IBV=
IMAX=
XTI=
TNOM=21
KF=
AF=
ISR=
NR=
IKF=
NBV=
IBVL=
NBVL=
FFE=
RS=
CJO=2.393E-14
TT=
EG=
VJ=0.729
M=0.44
N=1
FC=0.8
CMP10
DIODEMODELFORM
# DIODE MODEL #
MODEL = DBC
IS=IE-24
BV=
IBV=
IMAX=
XTI=
TNOM=21
KF=
AF=
ISR=
NR=
IKF=
NBV=
IBVL=
NBVL=
FFE=
RS=2.17347E2
CJO=8.974E-14
TT=
EG=
VJ=0.6
M=0.42
N=
FC=0.8
CMP12
DIODEMODELFORM
# DIODE MODEL #
MODEL = DCS
IS=IE-24
BV=
IBV=
IMAX=
XTI=
TNOM=21
KF=
AF=
ISR=
NR=
IKF=
NBV=
IBVL=
NBVL=
FFE=
RS=
CJO=2.593E-14
TT=
EG=
VJ=0.8971
M=2.292E-1
N=1.0029
FC=0.8
CMP11
DIODEMODELFORM
# DIODE MODEL #
MODEL = DCE
NPN=yes
PNP=
VTF=0.8
ITF=2.21805486E-1
PTF=22
XTB=0.7
APPROXOB=yes
Forward
BF=1E6
IKE=1.4737E-1
ISE=7.094E-20
NE=1.006
VAF=4.4E1
NF=1
TF=5.3706E-12
XTF=20
Reverse
BR=1
IKR=1.1E-2
ISC=
NC=2
VAR=3.37
NR=1.005
TR=4E-9
Noise
KF=
AF=
KB=
AB=
FB=
Diode and junction
EG=1.17
IS=4.4746E-18
IMAX=
XTI=3
TNOM=21
Substrate
IS5=
NS=
Parasitics
RB=9.30144818
IRB=3.029562E-6
RBM=.1
RE=
RC=
CJC=2.7056E-14
VJC=.6775
MJC=0.3319
FC=0.8
CJE=7.474248E-14
VJE=0.9907
MJE=0.5063
CJS=
VJS=
MJS=
CMP68
BITMODELFORM
# BJT MODEL #
MODEL = BJTMODEL
XCJC=4.39790997E-1
This model can be used as a design tool. It has been tested on MDS for various specifications. However, for more
precise and accurate design, please refer to the measured data in this data sheet.
Note:
The value of beta was high (BF = 1E6) to compensate for the fact that diode DBE reduces the current going into the
base (current flows through DBE). The diodes are necessary to model the non-linear effects.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com