Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBFP0420 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HBFP0420
Description  High Performance Isolated Collector Silicon Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBFP0420 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HBFP0420 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
High Performance Isolated
Collector Silicon Bipolar
Transistor
Technical Data
Features
• Ideal for High Gain, Low
Noise Applications
• Transition Frequency
fT = 25 GHz
• Typical Performance at
1.8 GHz
Associated Gain of 17 dB
and Noise Figure of 1.1 dB
at 2 V and 5 mA
P1dB of 12 dBm at 2 V and
20 mA
• Can be Used Without
Impedance Matching
Applications
• LNA, Oscillator, Driver
Amplifier, Buffer Amplifier,
and Down Converter for
Cellular and PCS Handsets
and Cordless Telephones
• Oscillator for TV Delivery
and TVRO Systems up to
10 GHz
HBFP-0420
Description
Hewlett Packard’s HBFP-0420 is a
high performance isolated
collector silicon bipolar junction
transistor housed in a 4-lead SC-70
(SOT-343) surface mount plastic
package.
HBFP-0420 provides an associated
gain of 17 dB, noise figure of
1.1 dB, and P1dB of 12 dBm at
1.8 GHz. Because of high gain and
low current characteristics,
HBFP-0420 is ideal for cellular/
PCS handsets
as well as for
C-Band and Ku-Band
applications.
This product is based on a 25 GHz
transition frequency fabrication
process, which enables the
products to be used for high
performance, low noise applica-
tions at 900 MHz, 1.9 GHz,
2.4 GHz, and beyond.
Surface Mount Plastic
Package/ SOT-343 (SC-70)
Outline 4T
Pin Configuration
Collector
Emitter
Base
Emitter
Note:
Package marking provides orientation
and identification.


Similar Part No. - HBFP0420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBFP0405 ETC-HBFP0405 Datasheet
85Kb / 10P
High Performance Isolated Collector Silicon Bipolar Transistor
More results

Similar Description - HBFP0420

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
List of Unclassifed Man...
HBFP0405 ETC-HBFP0405 Datasheet
85Kb / 10P
High Performance Isolated Collector Silicon Bipolar Transistor
BPT1819E03 ETC1-BPT1819E03 Datasheet
14Kb / 1P
High Performance Silicon Bipolar Transistor Intended
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
DEMO-AT32063 BOARDCOM-DEMO-AT32063 Datasheet
218Kb / 8P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com