Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBFP0420 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HBFP0420
Description  High Performance Isolated Collector Silicon Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBFP0420 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HBFP0420 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HBFP0420 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
HBFP-0420 Typical Performance
0
5
10
15
25
20
0
2
48
6
10
FREQUENCY (GHz)
Figure 1. Associated Gain vs.
Frequency and Collector Current
at 2 V.
5
0
10
20
15
30
25
0
COLLECTOR CURRENT (mA)
Figure 2. Noise Figure vs.
Frequency and Collector Current at
2 V.
Figure 3. Associated Gain vs.
Collector Current and Frequency
at 2 V.
Figure 5. Associated Gain vs. Voltage
(VCE) at 5 mA.
Figure 6. Noise Figure vs. Voltage
(VCE) at 5 mA.
Figure 4. Noise Figure vs. Collector
Current and Frequency at 2 V.
2 mA
5 mA
10 mA
15 mA
0
0.50
1.00
3.00
1.50
2.00
COLLECTOR CURRENT (mA)
2.50
01
2
4
5
36
VOLTAGE (V)
VOLTAGE (V)
0
1
2
3
4
0
2
48
6
10
FREQUENCY (GHz)
5
10
20
15
25
2 mA
5 mA
10 mA
15 mA
0.9 GHz
1.8 GHz
2.5 GHz
3 GHz
4 GHz
5 GHz
6 GHz
0.9 GHz
1.8 GHz
2.5 GHz
3 GHz
4 GHz
5 GHz
6 GHz
0
0.9 GHz
1.8 GHz
2.5 GHz
3 GHz
4 GHz
5 GHz
6 GHz
01
2
4
5
36
0.5
0
1.0
2.0
1.5
2.5
0.9 GHz
1.8 GHz
2.5 GHz
3 GHz
4 GHz
5 GHz
6 GHz
0
5
10
20
15
25
5
10
15
25
20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com