Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4094ASD Datasheet (PDF) - Maxim Integrated Products

MAX4094ASD Datasheet PDF - Maxim Integrated Products
Part # MAX4094ASD
Download  MAX4094ASD Download
File Size   514.93 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps

MAX4094ASD Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4094ASD Datasheet PDF - Maxim Integrated Products

Part # MAX4094ASD
Download  MAX4094ASD Click to download

File Size   514.93 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps

MAX4094ASD Datasheet (HTML) - Maxim Integrated Products


MAX4094ASD Product details

General Description
The single MAX4091, dual MAX4092, and quad MAX4094 operational amplifiers combine excellent DC accuracy with Rail-to-Rail® operation at the input and output. Since the common-mode voltage extends from VCC to VEE, the devices can operate from either a single supply (2.7V to 6V) or split supplies (±1.35V to ±3V). Each op amp requires less than 130µA of supply current. Even with this low current, the op amps are capable of driving a 1kΩ load, and the input-referred voltage noise is only 12nV/√Hz. In addition, these op amps can drive loads in excess of 2000pF.

Features
♦ Low-Voltage, Single-Supply Operation (2.7V to 6V)
♦ Beyond-the-Rails™ Inputs
♦ No Phase Reversal for Overdriven Inputs
♦ 30µV Offset Voltage
♦ Rail-to-Rail Output Swing with 1kΩ Load
♦ Unity-Gain Stable with 2000pF Load
♦ 165µA (max) Quiescent Current Per Op Amp
♦ 500kHz Gain-Bandwidth Product
♦ High Voltage Gain (115dB)
♦ High Common-Mode Rejection Ratio (90dB) and Power-Supply Rejection Ratio (100dB)
♦ Temperature Range (-40°C to +125°C)

Applications
  Portable Equipment
  Battery-Powered Instruments
  Data Acquisition and Control
  Low-Voltage Signal Conditioning




Similar Part No. - MAX4094ASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX409 MAXIM-MAX409 Datasheet
6Mb / 17P
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX4090 MAXIM-MAX4090 Datasheet
651Kb / 12P
3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 2; 8/04
MAX4090 MAXIM-MAX4090 Datasheet
729Kb / 15P
3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 3; 9/05
MAX4090 MAXIM-MAX4090 Datasheet
389Kb / 17P
3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 4; 11/09
MAX4090 MAXIM-MAX4090 Datasheet
86Kb / 6P
Single 2.7V to 5V Supply Operation
Rev 0; 1/09
More results


Similar Description - MAX4094ASD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP191 AD-OP191 Datasheet
479Kb / 20P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV.0
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
logo
Analog Devices
OP191 AD-OP191_06 Datasheet
605Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
logo
Maxim Integrated Produc...
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
logo
Analog Devices
OP191 AD-OP191_15 Datasheet
562Kb / 24P
eMicropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP291 AD-OP291_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP491 AD-OP491_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com