Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4094ASD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4094ASD
Description  Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4094ASD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4094ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 8Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 9Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 10Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 11Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 12Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Single/Dual/Quad, Micropower, Single-Supply,
Rail-to-Rail Op Amps
_______________________________________________________________________________________
9
tance. If the output sources either more or less current,
stability is increased. These devices perform well with a
1000pF pure capacitive load (Figure 5). Figures 6a, 6b,
and 6c show the performance with a 500pF load in par-
allel with various load resistors.
To increase stability while driving large-capacitive
loads, connect a pullup resistor to VCC at the output to
decrease the current the amplifier must source. If the
amplifier is made to sink current rather than source,
stability is further increased.
Frequency stability can be improved by adding an out-
put isolation resistor (RS) to the voltage-follower circuit
(Figure 7). This resistor improves the phase margin of
the circuit by isolating the load capacitor from the op
amp’s output. Figure 8a shows the MAX4092 driving
5000pF (RL
≥ 100kΩ), while Figure 8b adds a 47Ω iso-
lation resistor.
Because the MAX4091/MAX4092/MAX4094 have excel-
lent stability, no isolation resistor is required, except in
the most demanding applications. This is beneficial
because an isolation resistor would degrade the low-
frequency performance of the circuit.
Power-Up Settling Time
The MAX4091/MAX4092/MAX4094 have a typical sup-
ply current of 130µA per op amp. Although supply cur-
rent is already low, it is sometimes desirable to reduce
it further by powering down the op amp and associated
ICs for periods of time. For example, when using a
MAX4092 to buffer the inputs of a multi-channel analog-
to-digital converter (ADC), much of the circuitry could
be powered down between data samples to increase
battery life. If samples are taken infrequently, the op
amps, along with the ADC, may be powered down
most of the time.
When power is reapplied to the MAX4091/MAX4092/
MAX4094, it takes some time for the voltages on the
supply pin and the output pin of the op amp to settle.
Supply settling time depends on the supply voltage, the
value of the bypass capacitor, the output impedance of
the incoming supply, and any lead resistance or induc-
tance between components. Op amp settling time
depends primarily on the output voltage and is slew-
rate limited. With the noninverting input to a voltage fol-
lower held at midsupply (Figure 9), when the supply
steps from 0 to VCC, the output settles in approximately
2µs for VCC = 3V (Figure 10a) and 8µs for VCC = 5V
(Figure 10b).
Power Supplies and Layout
The MAX4091/MAX4092/MAX4094 operate from a sin-
gle 2.7V to 6V power supply, or from dual supplies of
±1.35V to ±3V. For single-supply operation, bypass the
power supply with a 0.1µF capacitor. If operating from
dual supplies, bypass each supply to ground.
Good layout improves performance by decreasing the
amount of stray capacitance at the op amp’s inputs
and output. To decrease stray capacitance, minimize
both trace lengths and resistor leads and place exter-
nal components close to the op amp’s pins.
Chip Information
MAX4091 TRANSISTOR COUNT: 168
MAX4092 TRANSISTOR COUNT: 336
MAX4094 TRANSISTOR COUNT: 670
PROCESS: Bipolar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com