Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4094ASD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4094ASD
Description  Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4094ASD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4094ASD Datasheet HTML 1Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 2Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 3Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 4Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 8Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Single/Dual/Quad, Micropower, Single-Supply,
Rail-to-Rail Op Amps
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = 5V, VEE = 0, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT PER AMPLIFIER
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
20
40
60
80
100
120
140
160
180
200
220
0
-50
125
VOUT = VCM = VCC/2
VCC = 5V
VCC = 2.7V
SUPPLY CURRENT PER AMPLIFIER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5
4
2
3
60
80
100
120
140
160
180
200
40
16
120
110
70
200
90
VCC - VOUT (mV)
500
100
80
60
50
0
100
300
400
600
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
RL = 1k
9
RL = 10k
9
RL = 100k
9
RL = 1M
9
VCC = 6V
RL TO VEE
120
110
70
200
90
VCC - VOUT (mV)
500
100
80
60
50
0
100
300
400
600
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
RL = 1k
9
RL = 10k
9
RL = 100k
9
RL = 1M
9
VCC = 2.7V
RL TO VEE
120
80
-60
-20
60
140
LARGE-SIGNAL GAIN
vs. TEMPERATURE
90
110
TEMPERATURE (
°C)
20
100
100
-40
0
40
80
120
85
95
105
115
RL TO VCC
RL TO VEE
RL = 1k
W, 0.5V < VOUT < (VCC - 0.5V)
VCC = 2.7V
VCC = 6V
120
110
60
100
80
VOUT (mV)
500
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
100
90
70
50
0
200
300
400
600
RL = 1M
9
RL = 100k
9
RL = 10k
9
RL = 1k
9
VCC = 6V
RL TO VCC
120
110
60
100
80
VOUT (mV)
500
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
100
90
70
50
0
200
300
400
600
RL = 1M
9
RL = 100k
9
RL = 10k
9
RL = 1k
9
VCC = 2.7V
RL TO VCC
120
80
-60
-20
60
140
LARGE-SIGNAL GAIN
vs. TEMPERATURE
90
110
TEMPERATURE (
°C)
20
100
100
-40
0
40
80
120
85
95
105
115
RL TO VCC
RL TO VEE
RL = 100k
W, 0.3V < VOUT < (VCC - 0.3V)
VCC = 2.7V
VCC = 6V
100
0
-60
140
MINIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
20
80
TEMPERATURE (
°C)
080
60
40
120
140
160
180
200
220
-40 -20
20 40 60
100 120
RL TO VCC
VCC = 6V, RL = 1k
W
VCC = 2.7V, RL = 1k
W
VCC = 6V, RL = 100k
W
VCC = 2.7V, RL = 100k
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com