Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4094ASD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4094ASD
Description  Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4094ASD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4094ASD Datasheet HTML 1Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 2Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 3Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 4Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 8Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The single MAX4091, dual MAX4092, and quad
MAX4094 operational amplifiers combine excellent DC
accuracy with Rail-to-Rail® operation at the input and
output. Since the common-mode voltage extends from
VCC to VEE, the devices can operate from either a sin-
gle supply (2.7V to 6V) or split supplies (±1.35V to
±3V). Each op amp requires less than 130µA of supply
current. Even with this low current, the op amps are
capable of driving a 1k
Ω load, and the input-referred
voltage noise is only 12nV/
√Hz. In addition, these op
amps can drive loads in excess of 2000pF.
The precision performance of the MAX4091/MAX4092/
MAX4094 combined with their wide input and output
dynamic range, low-voltage, single-supply operation,
and very low supply current, make them an ideal
choice for battery-operated equipment, industrial, and
data acquisition and control applications. In addition,
the MAX4091 is available in space-saving 5-pin SOT23,
8-pin µMAX, and 8-pin SO packages. The MAX4092 is
available in 8-pin µMAX and SO packages, and the
MAX4094 is available in 14-pin TSSOP and 14-pin SO
packages.
________________________Applications
Portable Equipment
Battery-Powered Instruments
Data Acquisition and Control
Low-Voltage Signal Conditioning
Features
o Low-Voltage, Single-Supply Operation (2.7V to 6V)
o Beyond-the-Rails™ Inputs
o No Phase Reversal for Overdriven Inputs
o 30µV Offset Voltage
o Rail-to-Rail Output Swing with 1kΩ Load
o Unity-Gain Stable with 2000pF Load
o 165µA (max) Quiescent Current Per Op Amp
o 500kHz Gain-Bandwidth Product
o High Voltage Gain (115dB)
o High Common-Mode Rejection Ratio (90dB) and
Power-Supply Rejection Ratio (100dB)
o Temperature Range (-40°C to +125°C)
Single/Dual/Quad, Micropower, Single-Supply,
Rail-to-Rail Op Amps
________________________________________________________________ Maxim Integrated Products
1
VCC
1
OUT
1
2
3
4
8
7
6
5
VCC
OUT2
IN2-
IN2+
VEE
IN1+
IN1-
OUT1
µMAX/SO
TOP VIEW
1
2
3
4
8
7
6
5
N.C.
VCC
OUT
N.C.
VEE
IN+
IN-
N.C.
µMAX/SO
5
4
IN-
3
IN+
2
VEE
SOT23
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUT4
IN4-
IN4+
VEE
VCC
IN1+
IN1-
OUT1
IN3+
IN3-
OUT3
OUT2
IN2-
IN2+
TSSOP/SO
4
MAX4091
MAX4091
MAX4092
MAX4094
Pin Configurations/Functional Diagrams
19-2272; Rev 0; 1/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX4091AUK-T
-40°C to +125°C
5 SOT23-5
MAX4091ASA
-40°C to +125°C
8 SO
MAX4091AUA
-40°C to +125°C
8 µMAX
MAX4092ASA
-40°C to +125°C
8 SO
MAX4092AUA
-40°C to +125°C
8 µMAX
MAX4094AUD
-40°C to +125°C
14 TSSOP
MAX4094ASD
-40°C to +125°C
14 SO
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Beyond-the-Rails is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX4094ASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX409 MAXIM-MAX409 Datasheet
6Mb / 17P
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX4090 MAXIM-MAX4090 Datasheet
651Kb / 12P
3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 2; 8/04
MAX4090 MAXIM-MAX4090 Datasheet
729Kb / 15P
3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 3; 9/05
MAX4090 MAXIM-MAX4090 Datasheet
389Kb / 17P
3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 4; 11/09
MAX4090 MAXIM-MAX4090 Datasheet
86Kb / 6P
Single 2.7V to 5V Supply Operation
Rev 0; 1/09
More results

Similar Description - MAX4094ASD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP191 AD-OP191 Datasheet
479Kb / 20P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV.0
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
logo
Analog Devices
OP191 AD-OP191_06 Datasheet
605Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
logo
Maxim Integrated Produc...
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
logo
Analog Devices
OP191 AD-OP191_15 Datasheet
562Kb / 24P
eMicropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP291 AD-OP291_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP491 AD-OP491_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com