Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4094ASD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4094ASD
Description  Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4094ASD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4094ASD Datasheet HTML 1Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 2Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 3Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 4Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 8Page - Maxim Integrated Products MAX4094ASD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Single/Dual/Quad, Micropower, Single-Supply,
Rail-to-Rail Op Amps
4
_______________________________________________________________________________________
60
-40
0.01
10
10,000
GAIN AND PHASE
vs. FREQUENCY
-20
MAX4091 toc01
FREQUENCY (kHz)
0
20
40
80
0.1
1
100
1000
-180
-120
-60
0
60
120
180
AV = 1000
NO LOAD
PHASE
GAIN
60
-40
0.01
10
10,000
GAIN AND PHASE
vs. FREQUENCY
-20
MAX4091 toc02
FREQUENCY (kHz)
0
20
40
80
0.1
1
100
1000
-180
-120
-60
0
60
120
180
CL = 470pF
AV = 1000
RL =
∞
GAIN
PHASE
140
-20
0.01
10
1000
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
20
FREQUENCY (kHz)
60
100
120
0
40
80
0.1
1
100
VIN = 2.5V
VEE
VCC
100
0
0.01
10
10,000
CHANNEL ISOLATION
vs. FREQUENCY
20
FREQUENCY (kHz)
40
60
80
120
0.1
1
100
1000
VIN = 2.5V
140
160
0
-60
-20
60
140
OFFSET VOLTAGE
vs. TEMPERATURE
40
140
TEMPERATURE (
°C)
20
100
100
80
-40
0
40
80
120
20
60
120
VCM = 0
OFFSET VOLTAGE vs.
COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
6
5
3
4
1
2
0
-80
-60
-40
-20
0
20
40
60
80
100
-100
-1
7
VCC = 2.7V
VCC = 6V
50
-60
-20
60
140
COMMON-MODE REJECTION RATIO
vs. TEMPERATURE
70
TEMPERATURE (
°C)
20
100
100
90
-40
0
40
80
120
60
80
110
VCM = 0 TO 5V
VCM = -0.1V TO +5.1V
VCM = -0.2V TO +5.2V
VCM = -0.3V TO +5.3V
VCM = -0.4V TO +5.4V
INPUT BIAS CURRENT vs.
COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
5
4
3
2
1
-20
-15
-10
-5
0
5
10
15
20
25
-25
06
VCC = 2.7V
VCC = 6V
INPUT BIAS CURRENT vs.
TEMPERATURE
TEMPERATURE (
°C)
100
75
-25
0
25
50
-30
-20
-10
0
10
20
30
40
-40
-50
125
VCM = VCC
VCC = 2.7V
VCC = 6V
VCM = 0
VCC = 6V
Typical Operating Characteristics
(VCC = 5V, VEE = 0, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com