Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet (PDF) - Exar Corporation

XRT8001IP Datasheet PDF - Exar Corporation
Part # XRT8001IP
Download  XRT8001IP Download
File Size   1054.92 Kbytes
Page   48 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description WAN Clock for T1 and E1 Systems

XRT8001IP Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT8001IP Datasheet PDF - Exar Corporation

Part # XRT8001IP
Download  XRT8001IP Click to download

File Size   1054.92 Kbytes
Page   48 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description WAN Clock for T1 and E1 Systems

XRT8001IP Datasheet (HTML) - Exar Corporation


XRT8001IP Product details

GENERAL DESCRIPTION
The XRT8001 WAN Clock is a dual-phase-locked loop chip that generates two very low jitter output clock signals that can be used for synchronization clocks in wide area networking systems. The XRT8001 has preprogrammed multipliers and dividers that are selected via the serial port. It generates two integer multiples of 8kHz, 56kHz, and 64kHz while locked onto an incoming reference of 1.54MHz (T1), 2.048MHz (E1), 8kHz, 56kHz, or 64kHz

FEATURES
• Dual Phased Locked Loops with Pre-Programmed Multipliers and Dividers
• Pre-Programmed with Popular Frequency Conversions for Communications Systems
• Generates Output Clock Frequencies Ranging From 8kHz up to 16.384MHz
• Serial Port Control for Optimal Performance
• Sync Output: 8kHz or 64kHz
• Low Jitter
• Cascadable (Master / Slave Modes)
• No External Components Needed
• Pin Compatible with the XRT8000
• Low Power (3.3V or 5V): 40 - 100mW
• - 40°C to +85°C Temperature Range
• 18-Lead PDIP or SOIC Packages

APPLICATIONS
• T1/E1 Access Equipment (DSU/CSU)
• Frame Relay Access Devices (FRAD)
• Basic Rate and Primary Rate ISDN Equipment
    • ISDN Routers
    • Terminals
• Remote Access Servers
• T1/E1 Concentrators
• T1/E1 Multiplexers
• T1/E1 Clock Rate Converters
• Internal Timing Generators
• System Synchronizers




Similar Part No. - XRT8001IP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000 EXAR-XRT8000 Datasheet
611Kb / 24P
Clock Synchronizer/Adapter for Communications
XRT8000D EXAR-XRT8000D Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000ID EXAR-XRT8000ID Datasheet
611Kb / 24P
Clock Synchronizer/Adapter for Communications
XRT8000IP EXAR-XRT8000IP Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
More results


Similar Description - XRT8001IP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3011 IDT-IDT82V3011 Datasheet
403Kb / 30P
T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
IDT82V3155 IDT-IDT82V3155 Datasheet
423Kb / 30P
ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Cypress Semiconductor
CY26200 CYPRESS-CY26200 Datasheet
94Kb / 5P
T1/E1 Clock Generator
logo
Zarlink Semiconductor I...
ZL30102 ZARLINK-ZL30102_05 Datasheet
988Kb / 48P
T1/E1 Stratum 4/4E Redundant System Clock Synchronizer for DS1/E1 and H.110
logo
Cypress Semiconductor
CY26200 CYPRESS-CY26200_05 Datasheet
94Kb / 5P
T1/E1 Clock Generator
logo
Integrated Device Techn...
82V3012 IDT-82V3012 Datasheet
456Kb / 32P
T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
82V3155 RENESAS-82V3155 Datasheet
576Kb / 35P
ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
January 11, 2017
IDT82V3011 RENESAS-IDT82V3011 Datasheet
516Kb / 32P
T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
May 24, 2006
IDT82V3012 RENESAS-IDT82V3012 Datasheet
633Kb / 33P
T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
February 6, 2009
ICS548-05 RENESAS-ICS548-05 Datasheet
250Kb / 8P
T1/E1 CLOCK MULTIPLIER
091511
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com