Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 5 Page - Exar Corporation

  XRT8001IP Datasheet HTML 1Page - Exar Corporation XRT8001IP Datasheet HTML 2Page - Exar Corporation XRT8001IP Datasheet HTML 3Page - Exar Corporation XRT8001IP Datasheet HTML 4Page - Exar Corporation XRT8001IP Datasheet HTML 5Page - Exar Corporation XRT8001IP Datasheet HTML 6Page - Exar Corporation XRT8001IP Datasheet HTML 7Page - Exar Corporation XRT8001IP Datasheet HTML 8Page - Exar Corporation XRT8001IP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
XRT8001
5
Rev. 1.01
Symbol
Parameter
Min.
Typ.
Max. Units
Condition
V
IL
Input Low Level
0.8
V
V
IH
Input High Level
2.0
V
V
OL
Output Low Level (CLK1, CLK2)
0.4
V
I
OL = -6.0mA
V
OH
Output High Level (CLK1, CLK2)
2.4
V
I
OL = 6.0mA
V
OL
Output Low Level (LOCKDET, SYNC)
0.4
V
I
OL = -3.0mA
V
OH
Output High Level (LOCKDET, SYNC)
2.4
V
I
OL = 3.0mA
I
IL
Input Low Current (CSB, MSB)
-150
mA
I
IH
Input High Current (CSB, MSB)
10
mA
V
IN = VCC
I
IL
Input Low Current (except CSB, MSB)
-10
mA
I
IH
Input High Current (except CSB, MSB)
10
mA
V
IN = VCC
I
CC
Operating Current
11
30
mA
3.3V, No Load, CLk1, CLK2 = 8 x 2.048MHz
20
35
mA
5V, No Load, CLk1, CLK2 = 8 x 2.048MHz
R
IN
Internal Pull-up Resistance (CSB, MSB)
50
100
150
kW
DC ELECTRICAL CHARACTERISTICS (Except Microprocessor Serial Interface)1
ABSOLUTE MAXIMUM RATINGS
Supply Range ................................................ 7V
Voltage at any Pin ........... GND -0.3V to Vcc+0.3V
Operating Temperature................. - 40°C to +85°C
Storage Temperature ................... - 40°C to +85°C
Package Dissipation ............................... 500mW
Note:
1. 5V tolerant input considerations when operating from 3.3V:
When the XRT8001 is powered at 3.3V, it can tolerate 5V-level signals via its inputs. However, the user should be aware the XRT8001
contains a “Factory-Test” Mode. This mode is enabled whenever the MSB (Master-Slave select) input pin is pulled to about 2V above
VDD.
Therefore, if the user is powering the XRT8001 at 3.3V but is applying a 5.25V signal to the MSB input pin, then it is possible that the
XRT8001 could be configured to operate in this “Factory-Test” Mode. Since all “Factory-Test” Mode registers are reset to “0”, upon
chip power, this should not be a problem for the user.
However, if the user performs write operations to “non-defined” address locations within the XRT8001, then the user may observe strange
operation from the XRT8001. The user must make sure that when the Microcontroller performs WRITE operations to the XRT8001, it
is only performing these WRITE operations to the Address Locations defined in the XRT8001 Data Sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com