Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 40 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 40 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 36Page - Exar Corporation XRT8001IP Datasheet HTML 37Page - Exar Corporation XRT8001IP Datasheet HTML 38Page - Exar Corporation XRT8001IP Datasheet HTML 39Page - Exar Corporation XRT8001IP Datasheet HTML 40Page - Exar Corporation XRT8001IP Datasheet HTML 41Page - Exar Corporation XRT8001IP Datasheet HTML 42Page - Exar Corporation XRT8001IP Datasheet HTML 43Page - Exar Corporation XRT8001IP Datasheet HTML 44Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
XRT8001
40
Rev. 1.01
In this case, the user must set the “E1/T1* SELECT”
signal to “HIGH”, order to select “E1 rates” (2.048MHz).
By doing this, the 2.048MHz clock signal (from the T1/
E1 LIU) is selected and will be applied to the “FIN” input
of the XRT8001, and the XRT8001 will configured to
operate in the “Master” Mode.
At this point, the user will need to execute the appro-
priate steps in order to configure the XRT8001 into the
1.544MHz
U4
74AHCT193
15
1
10
9
5
4
11
14
3
2
6
7
12
13
A
B
C
D
UP
DN
LOAD
CLR
QA
QB
QC
QD
CO
BO
Load-in-64
E1/T1* SELECT
U1
XRT8001
3
18
1
16
17
8
6
13
11
FIN
SCLK
SDO
SDI
CS
MSB
CLK1
CLK2
LOCKDET
+5V
U5A
74AHCT04
LOCK_DET
1.544MHz
U2
74AHCT157
2
3
5
6
11
10
14
13
1
15
4
7
9
12
1A
1B
2A
2B
3A
3B
4A
4B
A/B
G
1Y
2Y
3Y
4Y
8001_SDO
U3
74AHCT193
15
1
10
9
5
4
11
14
3
2
6
7
12
13
A
B
C
D
UP
DN
LOAD
CLR
QA
QB
QC
QD
CO
BO
1.544MHz or 2.048MHz
Divide-by-193
8kHz or 2.048MHz
8001_SDI
8001_CS
E1/T1* SELECT
1.544MHz or 2.048MHz
8001_SCLK
“E1 to T1 Forward/Master” Mode.
9.1 Hardware and Software Implementation Details
Figure x presents a simple block diagram of a design
that can accept either a 1.544MHz or a 2.048MHz
clock signal, and synthesize a 1.544MHz clock signal.
Now we need to provide some details. Hence, Figure
24 presents a circuit schematic which realizes the
function, depicted in Figure 23.
Next, we describe how to configure the circuitry in
Figure 24 to accept a 2.048MHz clock signal, and
configure it to synthesize a 1.544MHz clock signal by
executing five steps. We also describe how to accept
a 1.544MHz clock signal and configure it to synthesize
a 1.544MHz clock.
9.2 Configuring the Circuitry in Figure 6 to accept
a 2.048MHz clock in order to synthesize a 1.544MHz
output clock.
STEP 1 – Drive the “E1/T1* SELECT” input pin to
“HIGH”. This step configures the “2:1 MUX” to select
and apply the 2.048MHz clock to the “FIN” input of the
XRT8001 WAN Clock, as well as configuring the
XRT8001 WAN Clock into the “Master Mode”.
NOTE: The next steps are devoted to configuring the
XRT8001 WAN Clock into the “E1 to T1 Forward/Master”
Mode.
STEP 2 – Write the binary value “1000” into Command
Register CR0 (within the XRT8001 WAN Clock) as
indicated below.
Command Register, CR0 (Address = 0x00)
D4
D3
D2
D1
D0
IOC4
IOC3
IOC2
IOC1
PL1EN
1
0
0
0
1
Figure 24: Hardware Design Implementation of Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com