Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 43 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 43 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 39Page - Exar Corporation XRT8001IP Datasheet HTML 40Page - Exar Corporation XRT8001IP Datasheet HTML 41Page - Exar Corporation XRT8001IP Datasheet HTML 42Page - Exar Corporation XRT8001IP Datasheet HTML 43Page - Exar Corporation XRT8001IP Datasheet HTML 44Page - Exar Corporation XRT8001IP Datasheet HTML 45Page - Exar Corporation XRT8001IP Datasheet HTML 46Page - Exar Corporation XRT8001IP Datasheet HTML 47Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
XRT8001
43
Rev. 1.01
10.0 Jitter Transfer Characteristics of the XRT8001
The definition of “Jitter Transfer Characteristics” (of the
XRT8001) is the amount of “output” jitter that the
XRT8001 produces (at the “CLK1” and “CLK2” out-
puts), when provided with a certain amount of jitter at
the FIN input pin.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
100
300
500
700
900
1100
1300
1500
1700
1900
Frequency
Normalized Wideband Output Jitter
The “Jitter Transfer Characteristics” of the XRT8001
are presented in Figure 25 (for 3.3V applications) and
Figure 26(for 5.0V applications).
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
100
300
500
700
900
1100
1300
1500
1700
1900
Frequency
Normalized Wideband Output Jitter
Figure 25: Jitter Transfer Characteristics of the XRT8001 WAN Clock for 3.3V Applications
Figure 26: Jitter Transfer Characteristics of the XRT8001 WAN Clock for 5V Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com