Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 28 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 28 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 24Page - Exar Corporation XRT8001IP Datasheet HTML 25Page - Exar Corporation XRT8001IP Datasheet HTML 26Page - Exar Corporation XRT8001IP Datasheet HTML 27Page - Exar Corporation XRT8001IP Datasheet HTML 28Page - Exar Corporation XRT8001IP Datasheet HTML 29Page - Exar Corporation XRT8001IP Datasheet HTML 30Page - Exar Corporation XRT8001IP Datasheet HTML 31Page - Exar Corporation XRT8001IP Datasheet HTML 32Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
XRT8001
28
Rev. 1.01
For example, if the user wishes to input a clock signal
of 2.048MHz, to the “FIN” input pin (e.g., where Q = 1),
then he/she should write a “0” into Command Register
CR1.
Note: If the user wishes to output a clock signal via the
CLK2 output signal, then he/she should also write a “1” into
the “PL2EN” bit-field within Command Register CR1.
Step 4 – Write the binary expression “11111” into
Command Register CR2, as illustrated below.
This step is necessary in order to insure proper opera-
tion of the XRT8001.
Command Register, CR2 (Address = 0x02)
D4
D3
D2
D1
D0
SEL14
SEL13
SEL12
SEL11
SEL10
1
1
1
1
1
Step 5 – Write the binary expression “11111” into
Command Register CR3, as illustrated below.
This step is necessary in order to insure proper opera-
tion of the XRT8001. This step is also illustrated
below.
Command Register, CR3 (Address = 0x03)
D4
D3
D2
D1
D0
SEL24
SEL23
SEL22
SEL21
SEL20
1
1
1
1
1
Step 6 – Enable any of the following output signals as
appropriate:
“SYNC”, “CLK1”, “CLK2” and
“LOCKDET”.
This is accomplished by writing a “1” into the corre-
sponding bit-fields, within Command Register CR4, as
illustrated below.
Command Register CR4, (Address = 0x04)
D4
D3
D2
D1
D0
SYNCEN
CLK1EN
CLK2EN
LDETDIS2
LDETDIS1
1
1
1
0
0
6.6 The “High Speed – Reverse” Mode
When the XRT8001 WAN Clock has been configured to
operate in the “High Speed – Reverse” Modes, its
operation is independent of whether it has been config-
ured in the "Master" or "Slave" Mode.
When the XRT8001 WAN Clock has been configured to
operate in the “High Speed – Reverse” Modes, then it
will accept a “64kHz” clock signal via the “Reference
Clock” input at FIN (pin 3). In response, to this clock
signal, the XRT8001 WAN Clock will output an “M x
2.048MHz” clock signal via the Clock Output pins
(CLK1 and/or CLK2); where M can only have the values
1, 2,4 or 8.
A simple illustration of the XRT8001 WAN Clock,
operating in the “High Speed – Reverse” Mode is
presented in Figure 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com