Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 17 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 17 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 13Page - Exar Corporation XRT8001IP Datasheet HTML 14Page - Exar Corporation XRT8001IP Datasheet HTML 15Page - Exar Corporation XRT8001IP Datasheet HTML 16Page - Exar Corporation XRT8001IP Datasheet HTML 17Page - Exar Corporation XRT8001IP Datasheet HTML 18Page - Exar Corporation XRT8001IP Datasheet HTML 19Page - Exar Corporation XRT8001IP Datasheet HTML 20Page - Exar Corporation XRT8001IP Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
XRT8001
17
Rev. 1.01
D[4:1]
Mode
Input Frequency (at
the FIN input)
CLK1 Output
Signal
CLK2 Output
Signal
0000
Forward/Master
N x 1.544MHz
K x 56kHz
K x 56kHz
0001
Forward/Master
N x 1.544MHz
K x 56kHz
K x 64kHz
0010
Forward/Master
N x 1.544MHz
K x 64kHz
K x 64kHz
0011
Reverse/Master
56kHz
1.544MHz
2.048MHz
0100
Forward/Master
N x 2.048MHz
K x 56kHz
K x 56kHz
0101
Forward/Master
N x 2.048MHz
K x 56kHz
K x 64kHz
0110
Forward/Master
N x 2.048MHz
K x 64kHz
K x 64kHz
0111
Reverse/Master
64kHz
1.544MHz
2.048MHz
1000
E1 to T1 – Forward/Master
Q x 2.048MHz
1.544MHz
1.544MHz
1001
Fract. T1/E1 Reverse/Master
P x 56kHz
1.544MHz
2.048MHz
1010
Fract. T1/E1 Reverse/Master
P x 56kHz
1.544MHz
1.544MHz
1011
Fract. T1/E1 Reverse/Master
P x 64kHz
2.048MHz
1.544MHz
1100
Fract. T1/E1 Reverse/Master
P x 64kHz
2.048MHz
2.048MHz
1101
High Speed - Reverse
64 kHz
M x 2.048MHz
M x 2.048MHz
1110
Reserved
Reserved
Reserved
Reserved
1111
Reserved
Reserved
Reserved
Reserved
Table 1. Relationship between the value of “D4 – D1 (within Command Register CR0)
and the Operating Modes of the XRT8001 WAN Clock - Master Modes
D[4:1]
Mode
Input Frequency (at
the FIN input)
CLK1 Output
Signal
CLK2 Output
Signal
0000
Forward/Slave
8kHz
K x 56kHz
K x 56kHz
0001
Forward/Slave
8kHz
K x 56kHz
K x 64kHz
0010
Forward/Slave
8kHz
K x 64kHz
K x 64kHz
0011
Reverse/Slave
8kHz
1.544MHz
2.048MHz
0100
Forward/Slave
8kHz
K x 56kHz
K x 56kHz
0101
Forward/Slave
8kHz
K x 56kHz
K x 64kHz
0110
Forward/Slave
8kHz
K x 64kHz
K x 64kHz
0111
Reverse/Slave
8kHz
1.544MHz
2.048MHz
1000
Reverse/Slave
8kHz
K x 56KHz
K x 64KHz
1001
Reverse/Slave
8kHz
1.544MHz
2.048MHz
1010
Reverse/Slave
8kHz
1.544MHz
1.554MHz
1011
Reverse/Slave
8kHz
2.048MHz
1.544MHz
1100
Reverse/Slave
8kHz
2.048MHz
2.048MHz
1101
High Speed – Reverse
64kHz
M x 2.048MHz
M x 2.048MHz
1110
Reserved
Reserved
Reserved
Reserved
1111
Reserved
Reserved
Reserved
Reserved
Table 2. Relationship between the value of “D4 – D1" (within Command Register CR0) and
the Operating Modes of the XRT8001 WAN Clock – Slave Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com