Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 23 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 23 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 19Page - Exar Corporation XRT8001IP Datasheet HTML 20Page - Exar Corporation XRT8001IP Datasheet HTML 21Page - Exar Corporation XRT8001IP Datasheet HTML 22Page - Exar Corporation XRT8001IP Datasheet HTML 23Page - Exar Corporation XRT8001IP Datasheet HTML 24Page - Exar Corporation XRT8001IP Datasheet HTML 25Page - Exar Corporation XRT8001IP Datasheet HTML 26Page - Exar Corporation XRT8001IP Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
XRT8001
23
Rev. 1.01
6.0 The “Reverse/Master” Mode
When the XRT8001 WAN Clock has been configured to
operate in the “Reverse/Master” Mode, then it will
accept either a “56kHz” or a “64kHz” clock signal via
the “Reference Clock” input at FIN (pin 3). In response
to this clock signal, the XRT8001 WAN Clock will
output either a “1.544MHz” or a “2.048MHz” clock
signal, via the Clock Output pins (CLK1 and/or CLK2).
A simple illustration of the XRT8001 WAN Clock,
operating in the “Reverse/Master” Mode is presented
in Figure 14.
Figure 14. Illustration of the XRT8001 WAN Clock
Operating in the “Reverse/Master” Mode
6.1 Configuring the XRT8001 WAN Clock Device
into the “Reverse/Master” Mode
The user can configure the XRT8001 WAN Clock to
operate in the “Reverse/Master” Mode, by executing
the following steps:
Step 1 – Configure the XRT8001 to operate in the
“MASTER” Mode by pulling the “MSB” pin (pin 8) to
VDD.
Step 2 – Review Table 5, and determine which combi-
nation of “Input Frequency” and “Output Frequencies”
(via PLL1 and PLL2) correlate with the desired configu-
ration.
XRT8001
WAN Clock
XRT8001
WAN Clock
FIN
CLK1
CLK2
56kHz
or
64kHz
1.544MHz
or
2.048MHz
1.544MHz
or
2.048MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com