Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 33 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 33 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 29Page - Exar Corporation XRT8001IP Datasheet HTML 30Page - Exar Corporation XRT8001IP Datasheet HTML 31Page - Exar Corporation XRT8001IP Datasheet HTML 32Page - Exar Corporation XRT8001IP Datasheet HTML 33Page - Exar Corporation XRT8001IP Datasheet HTML 34Page - Exar Corporation XRT8001IP Datasheet HTML 35Page - Exar Corporation XRT8001IP Datasheet HTML 36Page - Exar Corporation XRT8001IP Datasheet HTML 37Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
XRT8001
33
Rev. 1.01
Values written into
Value for K
CLK1/CLK2
T (ns)
“SEL1[4:0]
(K x 64kHz)
Output Frequency
00000
1
64kHz
330
00001
2
128kHz
330
00010
3
192kHz
330
00011
4
256kHz
330
00100
5
320kHz
395
00101
6
384kHz
330
00110
7
448kHz
283
00111
8
512kHz
247
01000
9
576kHz
438
01001
10
640kHz
305
01010
11
704kHz
359
01011
12
768kHz
330
01100
13
832kHz
305
01101
14
896kHz
283
01110
15
960kHz
264
01111
16
1.024MHz
248
10000
17
1.088Mhz
464
10001
18
1.152MHz
438
10010
19
1.214MHz
415
10011
20
1.280MHz
395
10100
21
1.344MHz
376
10101
22
1.408MHz
359
10110
23
1.472MHz
344
10111
24
1.536MHz
330
11000
25
1.600MHz
316
11001
26
1.664MHz
305
11010
27
1.728MHz
293
11011
28
1.792MHz
283
11100
29
1.856MHz
283
11101
30
1.920MHz
264
11110
31
1.984MHz
256
11111
32
2.048MHz
248
Table 9: Timing Relationship (T), from the rising edge of “CLK1/CLK2” to the rising edge of “FIN” with the XRT8001
in Slave Mode, and FIN = 8kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com