Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 41 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 41 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 37Page - Exar Corporation XRT8001IP Datasheet HTML 38Page - Exar Corporation XRT8001IP Datasheet HTML 39Page - Exar Corporation XRT8001IP Datasheet HTML 40Page - Exar Corporation XRT8001IP Datasheet HTML 41Page - Exar Corporation XRT8001IP Datasheet HTML 42Page - Exar Corporation XRT8001IP Datasheet HTML 43Page - Exar Corporation XRT8001IP Datasheet HTML 44Page - Exar Corporation XRT8001IP Datasheet HTML 45Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
XRT8001
41
Rev. 1.01
NOTE: In order to synthesize and output a clock signal via
the “CLK1” output pin, the user must write a “1” into the D0
(PL1EN) bit-field within Command Register, CR0, as indi-
cated above.
This step configures the XRT8001 WAN to operate in
the “E1 to T1 Forward/Master” Mode. In this mode, the
XRT8001 WAN Clock will be configured to accept a “Q
x 2.048MHz” clock signal via the “FIN” input and will
synthesize a 1.544MHz clock signal via both the
“CLK1” and “CLK2” output pins.
STEP 3 – Next specify the value for “Q” (e.g., as in “Q
x 2.048MHz” clock signal, which will be applied to the
“FIN” input).
In this application, the value for “Q” is “1”. Hence, the
user must configure the XRT8001 WAN Clock to use
this value for “Q”, by writing the binary value for “Q – 1”
into Command Register, CR1. In this application, the
user should write “0000” into the Command Register,
as indicated below.
Command Register, CR1 (Address = 0x01)
D4
D3
D2
D1
D0
M4
M3
M2
M1
PL2EN
0
0
0
0
1
NOTE: In order to synthesize and output a clock signal via
the “CLK2” output pin, the user must write a “1” into the “D0
(PL2EN) bit-field within Command Register, CR1, as indi-
cated above.
STEP 4 – Write the binary value “11111” into both
Command Registers CR2 and CR3. This is necessary
in order to ensure proper operation of the XRT8001
WAN Clock.
STEP 5 – Enable the desired output signals: SYNC,
CLK1, CLK2, and LOCKDET. This is accomplished by
writing a “1” into the corresponding bit-field, within
Command Register, CR4, as illustrated below.
Command Register, CR4 (Address = 0x04)
D4
D3
D2
D1
D0
SYNCEN CLK1EN CLK2EN LDETDIS2 LDETDIS1
1
1
1
1
1
Once the user has executed these five steps, then the
circuitry (in Figure 6) is now configured to accept a
2.048MHz clock signal (from the T1/E1 LIU) and
synthesize a 1.544MHz clock signal.
Configuring the Circuitry in Figure 24 to accept a
1.544MHz clock signal and synthesize a 1.544MHz
clock signal.
The user can configure the circuitry (within Figure 6) to
accept a 1.544MHz clock signal, and synthesize a
1.544MHz clock signal, by executing the following four
(4) steps.
STEP 1 – Drive the “E1/T1* SELECT” input pin to
“LOW”. This step configures the “2:1 MUX” to select
and apply the 8kHz clock signal to the “FIN” input of the
XRT8001 WAN Clock, and configures the XRT8001
WAN Clock into the “Slave” Mode.
NOTE: The next few steps will be devoted to configuring
the XRT8001 WAN Clock into the “Reverse/Slave” Mode.
STEP 2 – Write the binary value “1000” into Command
Register CR0, within the XRT8001 WAN Clock, as
indicated below.
Command Register, CR0 (Address = 0x00)
D4
D3
D2
D1
D0
IOC4
IOC3
IOC2
IOC1
PL1EN
1
0
0
0
1
NOTE: In order to synthesize and output a clock signal via
the “CLK1” output pin, the user must write a “1” into the “D0
(PL1EN) bit-field within Command Register, CR0, as indi-
cated above.
This step configures the XRT8001 WAN to operate in
the “Reverse/Slave” Mode. In this mode, the XRT8001
WAN Clock will be configured to accept an 8kHz clock
signal via the “FIN” input and will synthesize a
1.544MHz clock signal via both the “CLK1” and “CLK2”
output pins.
STEP 3 – Write the binary expression “0000” into bit-
fields D4 through D1, within Command Register CR1,
as illustrated below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com