Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 22 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 22 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 18Page - Exar Corporation XRT8001IP Datasheet HTML 19Page - Exar Corporation XRT8001IP Datasheet HTML 20Page - Exar Corporation XRT8001IP Datasheet HTML 21Page - Exar Corporation XRT8001IP Datasheet HTML 22Page - Exar Corporation XRT8001IP Datasheet HTML 23Page - Exar Corporation XRT8001IP Datasheet HTML 24Page - Exar Corporation XRT8001IP Datasheet HTML 25Page - Exar Corporation XRT8001IP Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
XRT8001
22
Rev. 1.01
Step 3 – Upon reviewing Table 4, write the listed value
(under the “Value to Write to D4 – D1 in CR0” Register
Column) into the D4 through D1 bit-fields within Com-
mand Register CR0, as illustrated below.
Note: If the user wishes to output a clock signal via the
CLK1 output signal, then he/she should also write a “1” into
the “PL1EN” bit-field within Command Register CR0.
This step configures the XRT8001 to operate in the
“Forward/Master” Mode.
Step 4 – Next, you need to specify the value for “N”
(e.g., as in the “N x 1.544MHz” or “N x 2.048MHz” clock
signal which is to be applied to the “FIN” input pin.)
In order to specify the value for “N”, one needs to write
the value of “N - 1” (in binary format) into the “D4 through
D1” bits within Command Register CR1, as illustrated
below.
Command Register CR0 (Address = 0x00)
D4
D3
D2
D1
D0
IOC4
IOC3
IOC2
IOC1
PL1EN
Value to Write to D4 – D1 in CR0
X
Command Register, CR1 (Address = 0x01)
D4
D3
D2
D1
D0
M4
M3
M2
M1
PL2EN
Value of “N - 1” (in Binary Format)
X
For example, if the user wishes to configure the
XRT8001 to accept a 1.544MHz clock signal, via the
“FIN” input pin (e.g., N = 1), then the user should write
in the value “0”, into Command Register CR1.
Note: If the user wishes to output a clock signal via the
CLK2 output signal, then he/she should also write a “1” into
the “PL2EN” bit-field within Command Register CR1.
Step 5 – Specify the value of “K” (e.g., as in the “K x
56kHz” or “K x 64kHz” clock signal which is to be output
via the CLK1 output signal).
Command Register, CR2 (Address = 0x02)
D4
D3
D2
D1
D0
SEL14
SEL13
SEL12
SEL11
SEL10
Value of “K - 1” (in Binary Format).
For example, if one wishes to configure the XRT8001
to output a clock signal of either “56kHz” or “64kHz”
(e.g., where “K” = 1) via the CLK1 output pin, then he/
she should write the value “0”, into Command Register
CR2.
Step 6 – Specify the value of “K” (e.g., as in the “K x
56kHz” or “K x 64kHz” clock signal which is to be output
via the CLK2 output signal).
In order to specify the value for “K”, one needs to write
the value of “K - 1” (binary format) into Command
Register CR3, as illustrated below.
Command Register, CR3 (Address = 0x03)
D4
D3
D2
D1
D0
SEL24
SEL23
SEL22
SEL21
SEL20
Value of “K - 1” (in Binary Format).
For example, if one wishes to configure the XRT8001
to output a clock signal of either “1.792MHz” or
“2.048MHz” (e.g., where “K” = 32) via the CLK2 output
pin, then he/she should write the value “31” (or “1 1 1
1 1” in binary format) into Command Register CR3.
Step 7 – Enable any of the following output signals as
appropriate:
“SYNC”, “CLK1”, “CLK2” and
“LOCKDET”.
This is accomplished by writing a “1” into the corre-
sponding bit-fields, within Command Register CR4, as
illustrated below.
Command Register CR4, (Address = 0x04)
D4
D3
D2
D1
D0
SYNCEN
CLK1EN
CLK2EN
LDETDIS2
LDETDIS1
1
1
1
0
0
Note: For information on the “LDETDIS1” and “LDETDIS2”
bit-fields, please see Table 3.
In order to specify the value for “K”, one needs to write
the value of “K - 1” (in binary format) into Command
Register CR2, as illustrated below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com