Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 16 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 16 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 12Page - Exar Corporation XRT8001IP Datasheet HTML 13Page - Exar Corporation XRT8001IP Datasheet HTML 14Page - Exar Corporation XRT8001IP Datasheet HTML 15Page - Exar Corporation XRT8001IP Datasheet HTML 16Page - Exar Corporation XRT8001IP Datasheet HTML 17Page - Exar Corporation XRT8001IP Datasheet HTML 18Page - Exar Corporation XRT8001IP Datasheet HTML 19Page - Exar Corporation XRT8001IP Datasheet HTML 20Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
XRT8001
16
Rev. 1.01
3.0
Description of the Command Registers
3.1
Address Map of the "On-Chip" Command
Registers
Register Bit-Format
Address
Command
Register
Type
D4
D3
D2
D1
D0
0x00
CR0
R/W
IOC4
IOC3
IOC2
IOC1
PL1EN
0x01
CR1
R/W
M4
M3
M2
M1
PL2EN
0x02
CR2
R/W
SEL14
SEL13
SEL12
SEL11
SEL10
0x03
CR3
R/W
SEL24
SEL23
SEL22
SEL21
SEL20
0x04
CR4
R/W
SYNCEN
CLK1EN
CLK2EN
LDETDIS2
LDETDIS1
0x05
CR5
R/W
Reserved
Reserved
Reserved
Reserved
Reserved
0x06
CR6
R/W
Reserved
Reserved
Reserved
Reserved
Reserved
0x07
CR7
R/W
Reserved
Reserved
Reserved
Reserved
Reserved
3.2
Command Register Description
3.2.1 Command Register CR0 (Address = 0x00)
D4 – D1 (Configuration Mode Select Bits)
These four-bit fields permit the user to select which
mode the XRT8001 will operate in. Specifically, these
four bit-fields make the following configuration selec-
tions:
1. Whether the XRT8001 will be operating in the
“Forward/Master”, “Reverse/Master”, “Fractional
T1/E1 Reverse/Master”, "E1 to T1 - Forward/Mas-
ter" and “High Speed - Reverse” odes.
2.
What kind of input signals are to be applied to the
Reference Clock Input (FIN).
3.
What kind of signals will be output via the CLK1
and CLK2 output pins.
Table 2A relates the value of these four bit-fields to the
four Master Modes and Table 2B relates to the three
Slave Modes of the XRT8001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com