Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 5Page - Exar Corporation XRT8001IP Datasheet HTML 6Page - Exar Corporation XRT8001IP Datasheet HTML 7Page - Exar Corporation XRT8001IP Datasheet HTML 8Page - Exar Corporation XRT8001IP Datasheet HTML 9Page - Exar Corporation XRT8001IP Datasheet HTML 10Page - Exar Corporation XRT8001IP Datasheet HTML 11Page - Exar Corporation XRT8001IP Datasheet HTML 12Page - Exar Corporation XRT8001IP Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
XRT8001
9
Rev. 1.01
CSB
SCLK
SDI
R/W A0
A1
A2
A3
0
0
A6
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
0
0
0
SDO
High Z
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Notes:
A4 and A5 are always “0”.
R/W = “1” for “Read” Operations
R/W = “0” for “Write” Operations
- Denotes a “don’t care” value
Simplified Interface Option
The user can simplify the design of the circuitry
connecting to the Microprocessor Serial Interface by
tying both the SDO and SDI pins together, and reading
data from and/or writing data to this “combined” signal.
This simplification is possible because only one of
these signals are active at any given time. The inactive
signal will be tri-stated.
Figure 6. Microprocessor Serial Interface Data Structure
Write Operation
Once the last address bit (A3) has been clocked into
the SDI input, the “Write” operation will proceed through
an idle period, lasting three SCLK periods. Prior to the
rising edge of SCLK Cycle # 9 (see Figure 6) the user
must begin to apply the 8-bit data word, that he/she
wishes to write to the Microprocessor Serial Interface,
onto the SDI input pin. The Microprocessor Serial
Interface will latch the value on the SDI input pin, on the
rising edge of SCLK. The user must apply this word (D0
through D7) serially, in ascending order with the LSB
first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com