Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 26 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 26 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 22Page - Exar Corporation XRT8001IP Datasheet HTML 23Page - Exar Corporation XRT8001IP Datasheet HTML 24Page - Exar Corporation XRT8001IP Datasheet HTML 25Page - Exar Corporation XRT8001IP Datasheet HTML 26Page - Exar Corporation XRT8001IP Datasheet HTML 27Page - Exar Corporation XRT8001IP Datasheet HTML 28Page - Exar Corporation XRT8001IP Datasheet HTML 29Page - Exar Corporation XRT8001IP Datasheet HTML 30Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
XRT8001
26
Rev. 1.01
Step 3 – Upon reviewing Table 6, write the listed
value (under the “Value to Write to D4 – D1 in CR0”
register) into the D4 through D1 bit-fields within
Command Register CR0, as illustrated below:
Command Register CR0 (Address = 0x00)
D4
D3
D2
D1
D0
IOC4
IOC3
IOC2
IOC1
PL1EN
Value to Write to D4 – D1 in CR0
X
Notes:
1.
If the user wishes to output a clock signal via the CLK1
output signal, then he/she should also write a “1” into
the “PL1EN” bit-field within Command Register CR0.
2.
The contents of bit-fields D4 through D1 (within Com-
mand Register CR1) are “Don’t Care”
3.
If the user wishes to output a clock signal via the CLK2
output signal, then he/she should also write a “1” into
the “PL2EN” bit-field within Command Register CR1.
This step configures the XRT8001 to operate in the
“Fractional T1/E1 Reverse/Master” Mode.
Step 4 – Specify the value of “P” (e.g., as in the “P x
56kHz” or “P x 64kHz” clock signal which is to be input
via the FIN Reference Clock input).
In order to specify the value for “P”, one needs to write
in the value of “P - 1” (binary format) into Command
Register CR2, as illustrated below:
Command Register, CR2 (Address = 0x02)
D4
D3
D2
D1
D0
SEL14
SEL13
SEL12
SEL11
SEL10
Value of “P - 1” (in Binary Format).
In other words, if one intends to input either a “56kHz”
or “64kHz” clock signal via the “FIN” input pin (e.g.,
where P = 1), then he/she should write a “0” into
Command Register CR2.
Command Register, CR3 (Address = 0x03)
D4
D3
D2
D1
D0
SEL24
SEL23
SEL22
SEL21
SEL20
1
1
1
1
1
Step 6 – Enable any of the following output signals as
appropriate: “SYNC”, “CLK1”, “CLK2” and “LOCKDET”.
This is accomplished by writing a “1” into the corre-
sponding bit-fields, within Command Register CR4, as
illustrated below:
Command Register CR4, (Address = 0x04)
D4
D3
D2
D1
D0
SYNCEN
CLK1EN
CLK2EN
LDETDIS2
LDETDIS1
1
1
1
0
0
6.4 The “E1 to T1 –Forward/Master” Mode
When the XRT8001 WAN Clock has been configured to
operate in the “E1 to T1 – Forward/Master” Mode, then
it will accept a “Q x 2.048MHz” clock signal via the
“Reference Clock” input at FIN (pin 3), where “Q” can
range anywhere between 1 - 16. In response to this
clock signal, the XRT8001 WAN Clock will output a
1.544MHz clock signal via the Clock Output pins
(CLK1 and/or CLK2).
A simple illustration of the XRT8001 WAN Clock,
operating in the “E1 to T1 - Forward/Master” Mode is
presented in Figure 16.
Step 5 – Write the binary expression “11111” into
Command Register CR3.
This step is necessary in order to insure proper opera-
tion of the XRT8001. This step is also illustrated below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com