Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 23Page - Exar Corporation XRT8001IP Datasheet HTML 24Page - Exar Corporation XRT8001IP Datasheet HTML 25Page - Exar Corporation XRT8001IP Datasheet HTML 26Page - Exar Corporation XRT8001IP Datasheet HTML 27Page - Exar Corporation XRT8001IP Datasheet HTML 28Page - Exar Corporation XRT8001IP Datasheet HTML 29Page - Exar Corporation XRT8001IP Datasheet HTML 30Page - Exar Corporation XRT8001IP Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
XRT8001
27
Rev. 1.01
Figure 16. Illustration of the XRT8001 WAN Clock
Operating in the “E1 to T1 – Forward/Master” Mode
6.5 Configuring the XRT8001 WAN Clock into the
“E1 to T1 – Forward/Master” Mode
The user can configure the XRT8001 WAN Clock to
operate in the “E1 to T1 – Forward/Master” Mode by
executing the following steps:
Step 1 – Configure the XRT8001 to operate in the
“MASTER” Mode, by pulling the “MSB” input pin (pin 8)
to VDD.
Step 2 – Write the binary value “1000” into Command
Register CR0, as illustrated below:
Command Register CR0 (Address = 0x00)
D4
D3
D2
D1
D0
IOC4
IOC3
IOC2
IOC1
PL1EN
1
0
0
0
X
Command Register, CR1 (Address = 0x01)
D4
D3
D2
D1
D0
M4
M3
M2
M1
PL2EN
Value of “Q - 1” (in Binary Format)
X
XRT8001
XRT8001
WAN Clock
FIN
CLK1
CLK2
Q x 2.048MHz
Where: 1 < Q < 16
1.544MHz
1.544MHz
This step configures the XRT8001 WAN Clock to
operate in the “E1 to T1 – Forward/Master” Mode.
Note: If the user wishes to output a clock signal via the
CLK1 output signal, then he/she should also write a “1”
into the “PL1EN” bit-field within Command Register,
CR0.
Step 3 – Next, you need to specify the value for “Q”
*(e.g., as in the “Q x 2.048MHz” clock signal which
will be applied to the “FIN” input pin).
The user accomplishes this writing the binary
expression for “Q - 1” into Command Register, CR1,
as illustrated below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com