Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 32 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 32 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 28Page - Exar Corporation XRT8001IP Datasheet HTML 29Page - Exar Corporation XRT8001IP Datasheet HTML 30Page - Exar Corporation XRT8001IP Datasheet HTML 31Page - Exar Corporation XRT8001IP Datasheet HTML 32Page - Exar Corporation XRT8001IP Datasheet HTML 33Page - Exar Corporation XRT8001IP Datasheet HTML 34Page - Exar Corporation XRT8001IP Datasheet HTML 35Page - Exar Corporation XRT8001IP Datasheet HTML 36Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
XRT8001
32
Rev. 1.01
1.544 MHz or
2.048 MHz
1.544 MHz or
2.048 MHz
CLK1
CLK2
6
13
8 kHz
FIN
3
Figure 19. XRT8001 Reverse/Slave Mode
6.10 Phase relationship between the “FIN” input
and the “CLK1 and CLK2” outputs
The Phase relationship depends upon whether the
XRT8001 is operating in the “Slave” or “Master” Mode.
6.11 Slave Mode:
If the XRT8001 is operating in the “Slave” Mode, then
there is a specific phase relationship between the “FIN”
and the “CLK1, CLK2” outputs. The reasons are as
follows.
For Slave Mode Operation, the XRT8001 accepts a
8kHz clock signal (which it will also synthesize and
output via the SYNC output signal). Each of the two
PLLs (within the XRT8001) will be configured to gener-
ate either a “K x 56kHz” or a “K x 64kHz” clock signal.
Hence, in the “Slave Mode”, the “SYNC” output, is
simply a buffered version of the “FIN” input. Therefore,
generate a “K x 56kHz” clock signal.
the “SYNC” signal is approximately 4ns delayed from
the “FIN” input signal.
Each of the two PLLs “lock” onto the “SYNC” signal, for
frequency synthesis.
This timing relationship (between FIN and the CLK1,
CLK2 signals) depends upon the “CLK1” and “CLK2”
signal frequencies and as listed in the following tables.
NOTES:
1.
Table 9 presents the timing relationship between the
“FIN” and the “CLK1, CLK2” if the PLLs are configured
generate a “K x 64kHz” clock signal.
2.
Table 10 presents the timing relationship between the
“FIN” and the “CLK1, CLK2” if the PLLs are configured to
generate a “K x 56kHz” clock signal.
FIN
CLK2
T
CLK1
or
Figure 20: Timing Relationship between the FIN and the “CLK1/CLK2” outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com