Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 24 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 24 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 20Page - Exar Corporation XRT8001IP Datasheet HTML 21Page - Exar Corporation XRT8001IP Datasheet HTML 22Page - Exar Corporation XRT8001IP Datasheet HTML 23Page - Exar Corporation XRT8001IP Datasheet HTML 24Page - Exar Corporation XRT8001IP Datasheet HTML 25Page - Exar Corporation XRT8001IP Datasheet HTML 26Page - Exar Corporation XRT8001IP Datasheet HTML 27Page - Exar Corporation XRT8001IP Datasheet HTML 28Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
XRT8001
24
Rev. 1.01
Input
Frequency
PLL1 Output
Frequency
PLL2 Output
Frequency
Value to Write to
D4 – D1 in CR0
56kHz
1.544MHz
2.048MHz
0011
64kHz
1.544MHz
2.048MHz
0111
Table 5. Listing of “Input Frequency” and “Output Frequency”
Cases for “Reverse/Master” Mode Operation
Step 3 – Upon reviewing Table 5, write the listed value
(under the “Value to Write to D4 – D1 in CR0” register)
into the D4 through D1 bit-fields within Command
Register CR0, as illustrated below:
Command Register CR0 (Address = 0x00)
D4
D3
D2
D1
D0
IOC4
IOC3
IOC2
IOC1
PL1EN
Value to Write to D4 – D1 in CR0
X
Note:
If the user wishes to output a clock signal via the
CLK1 output signal, then he/she should also write a “1” into
the “PL1EN” bit-field within Command Register CR0.
This step configures the XRT8001 to operate in the
“Reverse/Master” Mode.
Step 4 – Write a “1” into the “PL2EN” bit-field within
Command Register CR1 (if you wish to output a clock
signal via the “CLK2” output pin), as illustrated below:
Command Register, CR1 (Address = 0x01)
D4
D3
D2
D1
D0
M4
M3
M2
M1
PL2EN
Don’t Care
1
Notes:
1. The value of the “D4 through D1” bit-fields within
Command Register, CR1 are “Don’t Care”.
2. The contents of Command Registers CR2 and
CR3 are “Don’t Care”.
Step 5 – Enable any of the following output signals as
appropriate: SYNC”, CLK1, CLK2 and LOCKDET.
This is accomplished by writing a “1” into the corre-
sponding bit-fields, within Command Register CR4, as
illustrated below:
Command Register CR4, (Address = 0x04)
D4
D3
D2
D1
D0
SYNCEN
CLK1EN
CLK2EN
LDETDIS2
LDETDIS1
1
1
1
0
0
Note: For information on the “LDETDIS1” and “LDETDIS2”
bit-fields, please see Table 3.
6.2 The “Fractional T1/E1 Reverse/Master” Mode
When the XRT8001 WAN Clock has been configured to
operate in the “Fractional T1/E1 Reverse/Master"
Mode, then it will accept either a “P x 56kHz” or a “P x
64kHz” clock signal via the “FIN” input pin (pin 3). In
response, the XRT8001 will output either a 1.544MHz
or a 2.048MHz clock signal via the CLK1 and/or CLK2
outputs.
A simple illustration of the XRT8001 WAN Clock,
operating in the “Fractional T1/E1 Reverse/Master”
Mode is presented in Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com