Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 19 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 19 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 15Page - Exar Corporation XRT8001IP Datasheet HTML 16Page - Exar Corporation XRT8001IP Datasheet HTML 17Page - Exar Corporation XRT8001IP Datasheet HTML 18Page - Exar Corporation XRT8001IP Datasheet HTML 19Page - Exar Corporation XRT8001IP Datasheet HTML 20Page - Exar Corporation XRT8001IP Datasheet HTML 21Page - Exar Corporation XRT8001IP Datasheet HTML 22Page - Exar Corporation XRT8001IP Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
XRT8001
19
Rev. 1.01
In the “High Speed – Reverse” Mode
In the “High Speed – Reverse” Mode, the XRT8001
WAN Clock will be receiving a 64kHz clock signal via
the “FIN” input pin. The XRT8001 WAN Clock will, in
response, generate an “M x 2.048MHz” clock via the
CLK1 and CLK2 output pins. These five (5) bit-fields
within Command Register CR2 are used to define the
value “M” for the CLK1 output.
Note: The only acceptable values for “M” are 1, 2, 4, or 8.
3.2.4 Command Register CR3 (Address = 0x03)
D4 – D0 (SEL2[4:0])
These bit-fields are used to support configuration
implementation for the “Forward/Master” and the “High
Speed – Reverse” Modes of operation.
In the “Forward/Master” Mode
In the “Forward/Master” Mode, the XRT8001 WAN
Clock will output either a “K x 56kHz” or a “K x 64kHz”
clock signal via the CLK2 output pin. These five (5) bit-
fields within Command Register CR3 are used to define
the value of “K” for the CLK2 Output. As a conse-
quence, the XRT8001 can be configured to generate a
maximum frequency of “32 x 56kHz” or “32 x 64kHz” via
the CLK2 output pin.
In the “High Speed – Reverse” Mode
In the “High Speed – Reverse” Mode, the XRT8001
WAN Clock will be receiving a 64kHz clock signal via
the “FIN” input pin. The XRT8001 WAN Clock will, in
response, generate an “M x 2.048MHz” clock via the
CLK1 and CLK2 output pins. These five (5) bit-fields
within Command Register CR3 are used to define the
value “M” for the CLK2 output.
Note: The only acceptable values for “M” are 1, 2, 4, or 8.
3.2.5 Command Register CR4 (Address = 0x04)
D4 – SYNCEN (SYNC Output Driver Enable Select)
This “read/write” bit-field permits the user to enable or
disable the Driver associated with the SYNC output
pin. Setting this bit-field to “1” enables this Driver.
Setting this bit-field to “0” disables this Driver.
D3 – CLK1EN (CLK1 Output Driver Enable Select)
This “read/write” bit-field permits the user to enable or
disable the Driver associated with the CLK1 output pin.
Setting this bit-field to “1” enables this Driver. Setting
this bit-field to “0” disables this Driver.
D2 – CLK2EN (CLK2 Output Driver Enable Select)
This “read/write” bit-field permits the user to enable or
disable the Driver associated with the CLK2 output pin.
Setting this bit-field to “1” enables this Driver. Setting
this bit-field to “0” disables this Driver.
D1,D0–LDETDIS[2:1]–LockDetectorOutput Control
The combination of these two bit-fields permit the user
to specify the signal that will be output via the
LOCKDET output pin. The user’s options are shown in
Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com