Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 2 Page - Exar Corporation

  XRT8001IP Datasheet HTML 1Page - Exar Corporation XRT8001IP Datasheet HTML 2Page - Exar Corporation XRT8001IP Datasheet HTML 3Page - Exar Corporation XRT8001IP Datasheet HTML 4Page - Exar Corporation XRT8001IP Datasheet HTML 5Page - Exar Corporation XRT8001IP Datasheet HTML 6Page - Exar Corporation XRT8001IP Datasheet HTML 7Page - Exar Corporation XRT8001IP Datasheet HTML 8Page - Exar Corporation XRT8001IP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
XRT8001
2
Rev. 1.01
Figure 2. XRT8001 Block Diagram
FIN
MSB
SCLK
CS
LOCKDET
SDO
R
100K
Vcc
SDI
Lock
Detector
Serial
Interface
Input
Divider
Mode and Frequency Select Control
Analog
Phase Locked
Loop
Post
Divider
Driver
Feedback
Divider
Driver
M2
Q2
M2
Q2
Analog
Phase Locked
Loop
Feedback
Divider
PLL2
CLK2
CLK1
SYNC
PLL1
P
R
100K
M
Q
M
Post
Divider
Q
LDETDIS1
LDETDIS2
Analog Vcc
Digital Vcc
15
Digital Vcc
7
10
13
11
2
6
14
5
DGND
DGND
9
AGND
8
1
16
17
18
3
Digital Vcc
12
4
DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com