Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 45 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 45 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 40Page - Exar Corporation XRT8001IP Datasheet HTML 41Page - Exar Corporation XRT8001IP Datasheet HTML 42Page - Exar Corporation XRT8001IP Datasheet HTML 43Page - Exar Corporation XRT8001IP Datasheet HTML 44Page - Exar Corporation XRT8001IP Datasheet HTML 45Page - Exar Corporation XRT8001IP Datasheet HTML 46Page - Exar Corporation XRT8001IP Datasheet HTML 47Page - Exar Corporation XRT8001IP Datasheet HTML 48Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
XRT8001
45
Rev. 1.01
3) Both the XRT8001 and XRT8000 can be configured
to accept “Fractional T1/E1” rate clock signals (e.g., K
x 64kHz) and synthesize either a 1.544MHz or
2.048MHz clock signal.
However, the XRT8001 can also synthesize “Frac-
tional T1/E1” rate clock signals, when provided with
either a 1.544MHz or 2.048MHz clock signal
LOCKDET Pin Function
Description of LOCKDET pin’s role
LOCK Condition of both PLL1 AND PLL2
The LOCKDET output pin toggles “HIGH” only if both (of if the only
enabled) PLLs are “In-LOCK”.
The LOCKDET output pin will toggle “LOW” if any one of the PLLs
are out of LOCK.
NOTE: In this case, the LOCKDET output of the XRT8001
behaves identical to that of the XRT8000.
LOCK Condition of PLL1 Only
The LOCKDET output pin toggles “HIGH” only if PLL1 is in the “In-
LOCK” condition.
LOCK Condition of PLL2 Only
The LOCKDET output pin toggles “HIGH” only if PLL2 is in the “In-
LOCK” condition.
Forced to “LOW”
The LOCKDET output pin is pulled “LOW” regardless of the “Lock”
condition of the two PLLs.
NOTE: The XRT8000 has an additional divide by 8 block which is not included in the XRT8001.
Table 15: Selectable Functions of the LOCKDET Output Pin in the XRT8001
4) The XRT8001 permits the user to determine the
exact role of the LOCKDET output pin. The on-chip
Command Register (within the XRT8001) permits the
user to configure the LOCKDET output pin to have the
functions listed below.
In the XRT8000, the LOCKDET output pin is pulled
HIGH only when both XRT8000 PLLs are “in-lock”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com