Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8001IP Datasheet(PDF) 34 Page - Exar Corporation

Part # XRT8001IP
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001IP Datasheet(HTML) 34 Page - Exar Corporation

Back Button XRT8001IP Datasheet HTML 30Page - Exar Corporation XRT8001IP Datasheet HTML 31Page - Exar Corporation XRT8001IP Datasheet HTML 32Page - Exar Corporation XRT8001IP Datasheet HTML 33Page - Exar Corporation XRT8001IP Datasheet HTML 34Page - Exar Corporation XRT8001IP Datasheet HTML 35Page - Exar Corporation XRT8001IP Datasheet HTML 36Page - Exar Corporation XRT8001IP Datasheet HTML 37Page - Exar Corporation XRT8001IP Datasheet HTML 38Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
XRT8001
34
Rev. 1.01
Values written into
Value for K
CLK1/CLK2
T (ns)
“SEL1[4:0]
(K x 56kHz)
Output Frequency
00000
1
56kHz
376
00001
2
112kHz
376
00010
3
168kHz
376
00011
4
224kHz
376
00100
5
280kHz
450
00101
6
336kHz
376
00110
7
392kHz
323
00111
8
448kHz
283
01000
9
504kHz
500
01001
10
560kHz
450
01010
11
616kHz
410
01011
12
672kHz
376
01100
13
728kHz
347
01101
14
784kHz
323
01110
15
840kHz
302
01111
16
896kHz
283
10000
17
952kHz
529
10001
18
1.008MHz
500
10010
19
1.064MHz
474
10011
20
1.120MHz
450
10100
21
1.176MHz
429
10101
22
1.232MHz
410
10110
23
1.288MHz
392
10111
24
1.344MHz
376
11000
25
1.400MHz
361
11001
26
1.456MHz
347
11010
27
1.512MHz
335
11011
28
1.568MHz
323
11100
29
1.624MHz
312
11101
30
1.680MHz
302
11110
31
1.756MHz
292
11111
32
1.812MHz
283
Table 10: Timing Relationship (T), from the rising edge of “CLK1/CLK2” to the rising edge of “FIN”
with the XRT8001 in Slave Mode, and FIN = 8kHz
6.12 Master Mode:
If the XRT8001 is operating in the “Master” Mode, then
the timing relationship between the “Reference signal”
(e.g., a signal applied to the “FIN” and the “CLK1” or
“CLK2” output is not readily available. This is because
the “FIN” signal is internally divided down, via a
Programmable Divider, which generates the “SYNC”
signal. The internal Phase Locked Loops (within the
XRT8001) are “locked” onto the “SYNC” signal. Hence,
there is definitely a phase relationship between the
“SYNC” and the “CLK1, CLK2” outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com