Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5316 Datasheet (PDF) - PMC-Sierra, Inc

PM5316 Datasheet PDF - PMC-Sierra, Inc
Part # PM5316
Download  PM5316 Download
File Size   53.39 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner

PM5316 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5316 Datasheet PDF - PMC-Sierra, Inc

Part # PM5316
Download  PM5316 Click to download

File Size   53.39 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner

PM5316 Datasheet (HTML) - PMC-Sierra, Inc


PM5316 Product details

FEATURES
• Monolithic four channel SONET/SDH Payload Extractor/Aligner for use in STS-3 (STM-1/AU-3) or STS-3c (STM-1/AU-4) interface applications, operating at serial interface speeds of 155.52 Mbit/s.
• Provides integrated clock recovery and clock synthesis to allow direct interface to optical modules.
• Each channel provides termination for SONET Section and Line, SDH Regenerator Section and Multiplexer Section transport overhead, and path overhead of three STS-1 (STM-0/AU- 3) paths or a single STS-3c (STM- 1/AU-4) path.
• Each channel maps three STS-1 (STM-0/AU-3) payloads or a single STS-3c (STM-1/AU-4) payload to system timing reference, accommodating plesiosynchronous timing offsets between the references through pointer processing.
• The entire SONET/SDH transport and path overheads are extracted to and inserted from dedicated pins.
• Frames to the SONET/SDH receive stream and inserts framing bytes and STS identification into the transmit stream and processes or inserts the transport overhead.
• Interprets or generates the STS (AU) pointer bytes (H1, H2, H3), extracts or inserts the synchronous payload envelope(s) and processes or inserts the path overhead.
• Supports Automatic Protection Switching (APS):
   • Ring control port communication of path REI and path RDI alarms;
   • Filters the APS channel (K1,K2) bytes into internal registers; inserts the APS channel into the transmit stream.
• Provides Time Slot Interchange (TSI) function at the ADD and DROP TelecomBus Interfaces for grooming twelve STS-1 (STM-0/AU-3) paths.
• Supports line loopback from the line side receive stream to the transmit stream and diagnostic loopback from an ADD TelecomBus interface to a DROP TelecomBus interface.
• Provides a standard five signal P1149.1 JTAG test port for boundary scan board test purposes.
• Provides a generic 8-bit microprocessor bus interface for configuration, control, and status monitoring.
• Low power 3.3 V CMOS with TTL compatible digital inputs and CMOS/TTL digital outputs.
• Industrial temperature range (-40°C to +85°C).
• 520 pin Super BGA package.
• Supports clock recovery bypass for use in applications where external clock recovery is desired.
• Complies with Bellcore GR-253-CORE jitter tolerance, jitter transfer, and intrinsic jitter criteria.

APPLICATIONS
• Channelized STS-3/STM-1 Interfaces for:
   • Optical Cross Connects;
   • Digital Cross Connects;
   • Router and Switch Line Cards;
   • ADM Aggregate Cards for TDM and Multi-service applications;
   • Terminal Multiplexers.




Similar Part No. - PM5316

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5316 PMC-PM5316 Datasheet
53Kb / 4P
Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner
PM5316 PMC-PM5316 Datasheet
2Mb / 491P
SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PM5316-BI PMC-PM5316-BI Datasheet
2Mb / 491P
SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
More results


Similar Description - PM5316

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PM5315 PMC-PM5315 Datasheet
57Kb / 2P
SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s
PM5316 PMC-PM5316 Datasheet
53Kb / 4P
Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner
PM5316 PMC-PM5316 Datasheet
2Mb / 491P
SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PM5317 PMC-PM5317 Datasheet
82Kb / 2P
SONET/SDH Payload Extractor/Aligner for 9953 Mbit/s
PM5351 PMC-PM5351 Datasheet
83Kb / 4P
Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PM5319 PMC-PM5319 Datasheet
46Kb / 2P
SONET/SDH Interface for 622 & 155 Mbit/s
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
PMC-Sierra, Inc
PM5313-1 PMC-PM5313-1 Datasheet
48Kb / 2P
SONET/SDH Payload Extractor/Aligner for 622 Mbit/s Interfaces
PM5351-1 PMC-PM5351-1 Datasheet
70Kb / 2P
Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com