Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPB025N08N3 Datasheet (PDF) - Infineon Technologies AG

IPB025N08N3 Datasheet PDF - Infineon Technologies AG
Part # IPB025N08N3
Download  IPB025N08N3 Download
File Size   848.15 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS Power-Transistor, 80 V

IPB025N08N3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPB025N08N3 Datasheet PDF - Infineon Technologies AG

Part # IPB025N08N3
Download  IPB025N08N3 Click to download

File Size   848.15 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS Power-Transistor, 80 V

IPB025N08N3 Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - IPB025N08N3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB025N08N3G INFINEON-IPB025N08N3G Datasheet
559Kb / 9P
OptiMOS3 Power-transistor
2009-12-11 revision:1.2
More results


Similar Description - IPB025N08N3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC112N06LD INFINEON-BSC112N06LD Datasheet
1Mb / 11P
Optimos-T2 Power Transistor, 60 V
2021-06-28 revision:2.1
IPB320P10LM INFINEON-IPB320P10LM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-100 V
2.0. 2021-05-10
IPT044N15N5 INFINEON-IPT044N15N5 Datasheet
1Mb / 11P
OptiMOS 5 power-Transistor, 150 V
Rev. 2.0, 2021-09-10
IPT054N15N5 INFINEON-IPT054N15N5 Datasheet
1Mb / 11P
OptiMOS 5 power-Transistor, 150 V
Rev. 2.0, 2021-09-10
IQE008N03LM5CG INFINEON-IQE008N03LM5CG Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 30 V
Rev.2.0, 2021-04-28
ISP14EP15LM INFINEON-ISP14EP15LM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-150 V
Rev.2.0, 2021-05-10
IQE008N03LM5 INFINEON-IQE008N03LM5 Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 30 V
Rev. 2.0, 2021-04-28
IQE050N08NM5 INFINEON-IQE050N08NM5 Datasheet
1Mb / 12P
OptiMOS 5 power-Transistor, 80 V
Rev.2.0, 2021-04-26
BSC0702LS INFINEON-BSC0702LS Datasheet
1Mb / 13P
OptiMOS™ Power-Transistor, 60 V
Rev. 2.5, 2021-04-06
IQE050N08NM5CG INFINEON-IQE050N08NM5CG Datasheet
1Mb / 12P
MOSFET OptiMOS™M 5 Power-Transistor, 80 V
Rev. 2.0, 2021-04-26
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com