Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3547CW2,5W12V Datasheet (PDF) - OSRAM GmbH

3547CW2,5W12V Datasheet PDF - OSRAM GmbH
Part # 3547CW2,5W12V
Download  3547CW2,5W12V Download
File Size   182.01 Kbytes
Page   3 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Modern and intense light with up to 6,000 K

3547CW2,5W12V Datasheet (PDF)

Go To PDF Page Download Datasheet
3547CW2,5W12V Datasheet PDF - OSRAM GmbH

Part # 3547CW2,5W12V
Download  3547CW2,5W12V Click to download

File Size   182.01 Kbytes
Page   3 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Modern and intense light with up to 6,000 K

3547CW2,5W12V Datasheet (HTML) - OSRAM GmbH




Similar Part No. - 3547CW2,5W12V

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3547 BOURNS-3547 Datasheet
509Kb / 4P
3-Turn Precision Potentiometer
logo
Heyco.
3547 HEYCO-3547 Datasheet
134Kb / 1P
Heyco® Nylon Liquid Tight Threaded Plugs
3547 HEYCO-3547 Datasheet
134Kb / 1P
Nylon Liquid Tight Threaded Plugs
logo
Adafruit Industries
3547 ADAFRUIT-3547 Datasheet
445Kb / 2P
2.1mm DC Barrel Jack to 2nd Generation MagSafe Adapter
8-8-17
logo
Keystone Electronics Co...
3547 KEYSTONE-3547 Datasheet
694Kb / 1P
FEMALE PC QUICK-FIT TERMINALS
31-07 20th
More results


Similar Description - 3547CW2,5W12V

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7534 LSI-LS7534 Datasheet
69Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7534 LSI-LS7534_03 Datasheet
89Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7534 LSI-LS7534_09 Datasheet
91Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
logo
Xilinx, Inc
XCR3256XL-7CS280C XILINX-XCR3256XL-7CS280C Datasheet
113Kb / 12P
256 macrocells with 6,000 usable gates
logo
OSRAM GmbH
2825HCBI OSRAM-2825HCBI Datasheet
128Kb / 4P
Color temperature: up to 4,000 K
66140XNB35WPK OSRAM-66140XNB35WPK Datasheet
124Kb / 4P
Color temperature: up to 4,350 K
LEDDRL102CL15 OSRAM-LEDDRL102CL15 Datasheet
117Kb / 3P
Color temperature: up to 6,000 K
LEDIL103 OSRAM-LEDIL103 Datasheet
154Kb / 4P
Color temperature: up to 6,000 K
logo
A-Data Technology
HD650 A-DATA-HD650 Datasheet
512Kb / 2P
Subtle and modern appearance
logo
Maxim Integrated Produc...
MAXREFDES72 MAXIM-MAXREFDES72 Datasheet
916Kb / 11P
Device with a modern web browser and the ability to write to an external USB drive
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com