Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC16821 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74AVC16821 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74AVC16821
Download  PI74AVC16821 Download
File Size   519.82 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2.5V 20-Bit Bus Interface Flip-Flop with 3-State Outputs

PI74AVC16821 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74AVC16821 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74AVC16821
Download  PI74AVC16821 Click to download

File Size   519.82 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2.5V 20-Bit Bus Interface Flip-Flop with 3-State Outputs

PI74AVC16821 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74AVC16821 Product details

Description
Pericom Semiconductors PI74AVC+ series of logic circuits are produced using the Companys advanced submicron CMOS technology, achieving industry leading speed.

Product Features
• PI74AVC+16821 is designed for low-voltage operation, VCC = 1.65V to 3.6V
• True –24mA Balanced Drive @ 3.3V
• IOFF supports partial power-down operation
• 3.6V I/O Tolerant Inputs and Outputs
• All outputs contain a patented DDC (Dynamic Drive Control) circuit that reduces noise without degrading propagation delay
• Industrial operation: -40°C to +85°C
• Available Packages:
    ― 56-pin 240 mil wide plastic TSSOP (A)
    ― 56-pin 173 mil wide plastic TVSOP (K)




Similar Part No. - PI74AVC16821

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC16820 PERICOM-PI74AVC16820 Datasheet
604Kb / 10P
2.5V 10-Bit Flip-Flop with Dual and 3-State Outputs
PI74AVC16820A PERICOM-PI74AVC16820A Datasheet
604Kb / 10P
2.5V 10-Bit Flip-Flop with Dual and 3-State Outputs
PI74AVC16820AE PERICOM-PI74AVC16820AE Datasheet
604Kb / 10P
2.5V 10-Bit Flip-Flop with Dual and 3-State Outputs
More results


Similar Description - PI74AVC16821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16821 TI-SN74ALVCH16821 Datasheet
134Kb / 10P
3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16823 TI-SN74ALVCH16823 Datasheet
137Kb / 10P
18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29821 TI-SN74BCT29821 Datasheet
70Kb / 5P
10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI-SN74BCT29823 Datasheet
73Kb / 5P
9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823A TI-SN74LVC823A Datasheet
299Kb / 14P
9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
18-Bit Bus-Interface Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74ALVCH16821 TI-SN74ALVCH16821_08 Datasheet
312Kb / 12P
3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVC16821 TI1-SN74ALVC16821 Datasheet
192Kb / 11P
3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16823 TI1-SN74ALVCH16823_15 Datasheet
841Kb / 20P
18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI1-SN74BCT29823_11 Datasheet
204Kb / 8P
9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com