Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC16821 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI74AVC16821
Description  2.5V 20-Bit Bus Interface Flip-Flop with 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16821 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI74AVC16821 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PI74AVC+16821
2.5V 20-Bit Bus Interface
Flip-Flopwith3-StateOutputs
10
PS8548
07/31/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
56-pin TSSOP (A) Package
56-pinTVSOP(K)Package
.002
.006
SEATING PLANE
.007
.011
.004
.008
1
56
.236
.244
0.50
0.17
0.27
0.05
0.15
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.018
.030
0.45
0.75
.047
Max.
1.20
6.0
6.2
.547
.555
13.9
14.1
.319
8.1
.0197
BSC
BSC
.047
.031
.041
SEATING
PLANE
.016
BSC
1
56
.169
.177
11.20
11.40
4.30
4.50
1.20
0.40
0.13
0.23
0.80
1.05
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.002
.006
0.05
0.15
.0035
.008
0.09
0.20
.018
.030
0.45
0.75
6.4
.252
BSC
.005
.009
.441
.449
Max.
OrderingInformation
a
t
a
D
g
n
i
r
e
d
r
On
o
it
p
i
r
c
s
e
D
A
1
2
8
6
1
+
C
V
A
4
7
I
P
P
O
S
S
T
ci
t
s
al
p
e
d
i
w
li
m
-
0
4
2
,
n
i
p
-
6
5
K
1
2
8
6
1
+
C
V
A
4
7
I
P
P
O
S
V
T
ci
t
s
al
p
e
d
i
w
li
m
-
3
7
1
,
n
i
p
-
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com