Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC16821 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74AVC16821
Description  2.5V 20-Bit Bus Interface Flip-Flop with 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16821 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74AVC16821 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PI74AVC+16821
2.5V 20-Bit Bus Interface
Flip-Flopwith3-StateOutputs
4
PS8548
07/31/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
s
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
T
)
1
(
V C
C
.
n
i
M.
x
a
Ms
ti
n
U
V H
O
I H
O
0
0
1
–
=µA
V
6
.
3
o
t
V
5
6
.
1V C
C
V
2
.
0
–
V
I H
O
6
–
=m
V
A
H
I
V
7
0
.
1
=V
5
6
.
12
.
1
I H
O
2
1
–
=m
V
A
H
I
V
7
.
1
=V
3
.
25
7
.
1
I H
O
4
2
–
=m
V
A
H
I
V
2
=V
30
.
2
V L
O
I L
O
0
0
1
=µA
V
6
.
3
o
t
V
5
6
.
12
.
0
I L
O
6
=m
V
A
H
I
V
7
5
.
0
=V
5
6
.
15
4
.
0
I L
O
2
1
=m
V
A
H
I
V
7
.
0
=V
3
.
25
5
.
0
I L
O
4
2
=m
V
A
H
I
V
8
.
0
=V
38
.
0
II
st
u
p
n
I
l
o
rt
n
o
CVI V
=
C
C
D
N
G
r
oV
6
.
35
.
2
±
A
µ
I F
F
O
VI
V
r
o O
V
6
.
3
=0
0
1
±
I Z
O
VI V
=
C
C
D
N
G
r
oV
6
.
30
1
±
I C
C
VO V
=
C
C
I
D
N
G
r
o
O
0
=V
6
.
30
4
CI
st
u
p
n
I
l
o
rt
n
o
CVI V
=
C
C
D
N
G
r
oV
5
.
24
F
p
V
3
.
34
st
u
p
n
I
a
t
a
DV
5
.
26
V
3
.
36
CO
st
u
p
t
u
OVO V
=
C
C
D
N
G
r
oV
5
.
28
V
3
.
38
Note:
1. Typical values are measured at TA = 25°C.
DCElectricalCharacteristics (OvertheOperatingRange,TA=–40°C+85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com