Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC16821 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74AVC16821
Description  2.5V 20-Bit Bus Interface Flip-Flop with 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16821 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74AVC16821 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PI74AVC+16821
2.5V 20-Bit Bus Interface
Flip-Flopwith3-StateOutputs
2
PS8548
07/31/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PinDescription
TruthTable(1)
Note:
1. H = High Signal Level
L = Low Signal Level
X = Irrelevant
Z = High Impedance
↑ = LOW-to-HIGHTransition
n = 1,2
PinConfiguration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
25
26
27
28
32
31
30
29
2
Q10
2
D10
2
Q9
2
D9
GND
GND
2
Q8
2
D8
2
Q7
2
D7
VCC
VCC
2
Q6
2
D6
2
Q5
2
D5
2
Q4
2
D4
GND
GND
2
Q3
2
D3
2
Q2
2
D2
2
Q1
2
D1
1
Q10
1
D10
1
Q9
1
D9
1
Q8
1
D8
GND
GND
1
Q7
1
D7
1
Q6
1
D6
1
Q5
1
D5
VCC
VCC
1
Q4
1
D4
1
Q3
1
D3
1
Q2
1
D2
GND
GND
1
Q1
1
D1
1
QE
1
CLK
2
OE
2
CLK
s
t
u
p
n
Is
t
u
p
t
u
O
E
On
K
L
CD
Qn
L
↑
HH
L
↑
LL
LH OR LX
Q0
HX
X
Z
e
m
a
N
n
i
Pn
o
it
p
i
r
c
s
e
D
E
O)
W
O
L
e
v
it
c
A
(
t
u
p
n
I
el
b
a
n
E
t
u
p
t
u
O
K
L
C)
H
G
I
H
e
v
it
c
A
(
t
u
p
n
I
k
c
o
l
C
x
Dst
u
p
n
I
a
t
a
D
x
Qst
u
p
t
u
O
e
t
a
t
S
-
3
D
N
Gd
n
u
o
r
G
C
C
Vr
e
w
o
P
56-Pin
A,K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com