Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC16821 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74AVC16821
Description  2.5V 20-Bit Bus Interface Flip-Flop with 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16821 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74AVC16821 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PS8548
07/31/01
PI74AVC+16821
2.5V 20-Bit Bus Interface
Flip-Flopwith3-StateOutputs
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
SwitchingCharacteristics
(Over recommended operating free-air temperature range, unless otherwise noted, see Figures 1 thru 4)
OperatingCharacteristics,TA=25°C
s
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
T
V C
C
V
8
.
1
=
V
5
1
.
0
±
V C
C
V
5
.
2
=
V
2
.
0
±
V C
C
V
3
.
3
=
V
3
.
0
±
s
ti
n
U
l
a
c
i
p
y
Tl
a
c
i
p
y
Tl
a
c
i
p
y
T
C d
p
e
c
n
a
ti
c
a
p
a
C
n
o
it
a
p
i
s
si
D
r
e
w
o
P
d
el
b
a
n
E
st
u
p
t
u
O
CL
,
F
p
0
=
z
H
M
0
1
=
f
0
90
0
10
1
1
F
p
d
el
b
a
si
D
st
u
p
t
u
O6
62
78
7
s
r
e
t
e
m
a
r
a
P
m
o
r
F
)t
u
p
n
I
(
o
T
)t
u
p
t
u
O
(
V C
C
V
2
.
1
=
V C
C
V
5
.
1
=
V
1
.
0
±
V C
C
V
8
.
1
=
V
5
1
.
0
±
V C
C
V
5
.
2
=
V
2
.
0
±
V C
C
V
3
.
3
=
V
3
.
0
±
s
ti
n
U
.
p
y
T.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
f x
a
m
0
6
10
0
20
0
2
s
n
t d
p
K
L
CQ
8
.
65
.
15
.
42
.
10
.
48
.
02
.
37
.
08
.
2
t n
e
E
OQ
8
.
66
.
15
.
46
.
10
.
49
.
03
.
37
.
00
.
3
t si
d
E
OQ
4
.
55
.
22
.
43
.
26
.
31
4
.
35
.
14
.
3
V C
C
V
2
.
1
=
V C
C
V
5
.
1
=
V
1
.
0
±
V C
C
V
8
.
1
=
V
5
1
.
0
±
V C
C
V
5
.
2
=
V
2
.
0
±
V C
C
V
3
.
3
=
V
3
.
0
±
s
ti
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
f k
c
o
l
c
y
c
n
e
u
q
e
rf
k
c
o
l
C0
6
10
0
20
0
2
s
n
tw
w
o
l
r
o
h
g
i
h
K
L
C
,
n
o
it
a
r
u
d
e
sl
u
P1
.
35
.
25
.
2
t u
s
­
K
L
C
e
r
o
f
e
b
a
t
a
d
,
e
m
it
p
u
t
e
S1
.
47
.
21
.
25
.
14
.
1
th
­
K
L
C
r
e
tf
a
a
t
a
d
,
e
m
it
d
l
o
H7
.
13
.
10
.
10
.
10
.
1
Timingrequirements
(Over recommended operating free-air temperature range, unless otherwise noted, see Figures 1 thru 4)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com