Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS110-8 Datasheet (PDF) - STMicroelectronics

TS110-8 Datasheet PDF - STMicroelectronics
Part # TS110-8
Download  TS110-8 Download
File Size   228.91 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High surge voltage 1.25 A SCR for circuit breaker

TS110-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS110-8 Datasheet PDF - STMicroelectronics

Part # TS110-8
Download  TS110-8 Click to download

File Size   228.91 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High surge voltage 1.25 A SCR for circuit breaker

TS110-8 Datasheet (HTML) - STMicroelectronics


TS110-8 Product details

Description
Thanks to highly sensitive triggering levels, the TS110-8 series is suitable for circuit breaker applications where the available gate current is limited. The 1250 V direct surge voltage capability of the TS110-8 enables high robustness of the whole circuit breaker. The low leakage current of the TS110-8 reduces power consumption over the entire lifetime of the circuit breaker. The high off-state immunity (200 V/µs) insures the non tripping of the breaker in case of electrical fast transient (EFT) on the mains. The TS110-8 is available in through-hole TO-92

Features
■ On-state rms current, 1.25 A
■ Repetitive peak off-state voltage, 800 V
■ Non-repetitive direct surge peak off-state voltage, 1250 V
■ Non-repetitive reverse surge peak off-state voltage, 900 V
■ Triggering gate current, 100 µA
■ High off-state immunity: 200 V/µs
■ ECOPACK® 2 compliant component

Applications
■ GFCI (Ground Fault Circuit Interrupter)
■ AFCI (Arc Fault Circuit Interrupter)
■ RCD (Residual Current Device)
■ RCBO (Residual Current circuit Breaker with Overload protection)
■ AFDD (Arc Fault Detection Device)




Similar Part No. - TS110-8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
More results


Similar Description - TS110-8

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ9062H PANASONIC-MAZ9062H Datasheet
85Kb / 3P
For surge absorption circuit
logo
STMicroelectronics
X02 STMICROELECTRONICS-X02_05 Datasheet
136Kb / 11P
1.25 A sensitive gate SCR
14-Jan-2011
logo
Vishay Siliconix
VS-25TTS08PBF VISHAY-VS-25TTS08PBF Datasheet
874Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
18-Jun-13
logo
Panasonic Semiconductor
DZ2J043M0L PANASONIC-DZ2J043M0L Datasheet
334Kb / 5P
For constant voltage / For surge absorption circuit
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
logo
Vishay Siliconix
VS-40TPSPBF VISHAY-VS-40TPSPBF Datasheet
201Kb / 8P
Thyristor High Voltage, Phase Control SCR, 40 A
14-Sep-17
VS-30TPS12L-M3 VISHAY-VS-30TPS12L-M3 Datasheet
181Kb / 7P
Thyristor High Voltage, Phase Control SCR, 30 A
31-Jul-2018
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3_V01 Datasheet
172Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
09-Jan-18
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3_V01 Datasheet
180Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
04-Jun-2018
VS-40TPS16-M3 VISHAY-VS-40TPS16-M3 Datasheet
181Kb / 7P
Thyristor High Voltage, Phase Control SCR, 40 A
26-Feb-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com